Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7560 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7560
Description  4 X 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7560 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7560_05 Datasheet HTML 1Page - STMicroelectronics TDA7560_05 Datasheet HTML 2Page - STMicroelectronics TDA7560_05 Datasheet HTML 3Page - STMicroelectronics TDA7560_05 Datasheet HTML 4Page - STMicroelectronics TDA7560_05 Datasheet HTML 5Page - STMicroelectronics TDA7560_05 Datasheet HTML 6Page - STMicroelectronics TDA7560_05 Datasheet HTML 7Page - STMicroelectronics TDA7560_05 Datasheet HTML 8Page - STMicroelectronics TDA7560_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TDA7560
2/11
Figure 3. Pin Connection (Top view)
Table 2. Absolute Maximum Ratings
THERMAL DATA
Symbol
Parameter
Value
Unit
VCC
Operating Supply Voltage
18
V
VCC (DC)
DC Supply Voltage
28
V
VCC (pk)
Peak Supply Voltage (for t = 50ms)
50
V
IO
Output Peak Current
Repetitive (Duty Cycle 10% at f = 10Hz)
Non repetitive (t = 100
µs)
9
10
A
A
Ptot
Power Dissipation Tcase = 70°C
80
W
Tj
Junction Temperature
150
°C
Tstg
Storage Temperature
-55 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction to case
Max.
1
°C/W
D94AU159A
1
25


Similar Part No. - TDA7560_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
   4 x 45 W quad bridge car radio amplifier
TDA7560H STMICROELECTRONICS-TDA7560H Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
More results

Similar Description - TDA7560_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7560 STMICROELECTRONICS-TDA7560 Datasheet
353Kb / 10P
   4 x 45W QUAD BRIDGE CAR RADIO AMPLIFIER PLUS HSD
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7389A STMICROELECTRONICS-TDA7389A Datasheet
220Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
   4 x 42W quad bridge car radio amplifier
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
   4 x 25W quad bridge car radio amplifier
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
   4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com