Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C2161024LL-70T Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V62C2161024LL-70T
Description  Ultra Low Power 64K x 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C2161024LL-70T Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V62C2161024LL-70T Datasheet HTML 1Page - Mosel Vitelic, Corp V62C2161024LL-70T Datasheet HTML 2Page - Mosel Vitelic, Corp V62C2161024LL-70T Datasheet HTML 3Page - Mosel Vitelic, Corp V62C2161024LL-70T Datasheet HTML 4Page - Mosel Vitelic, Corp V62C2161024LL-70T Datasheet HTML 5Page - Mosel Vitelic, Corp V62C2161024LL-70T Datasheet HTML 6Page - Mosel Vitelic, Corp V62C2161024LL-70T Datasheet HTML 7Page - Mosel Vitelic, Corp V62C2161024LL-70T Datasheet HTML 8Page - Mosel Vitelic, Corp V62C2161024LL-70T Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Timing Waveform of Read Cycle 1 (Address Controlled)
t
RC
t
AA
t
OH
Data Valid
Address
Data Out
Timing Waveform of Read Cycle 2
t
OHZ
t
RC
t
OLZ
t
ACE
t
LZ(4,5)
CE
Previous Data Valid
Address
t
OH
t
AA
t
OE
t
BA
t
BLZ(4,5)
t
BHZ(3,4,5)
t
HZ(3,4,5)
(BLE/BHE)
OE
Data Out
Data Valid
High-Z
V62C2161024L(L)
5
Notes (Read Cycle)
1. WE are high for read cycle.
2. All read cycle timing is referenced from the last valid address to the first transition address.
3.
t
HZ and tOHZ are defined as the time at which the outputs achieve the open circuit condition referenced to VOH or VOL levels.
4. At any given temperature and voltage condition
t
HZ (max.) is less than tLZ (min.) both for a given device and from device to
device.
5. Transition is measured + 200mV from steady state voltage with load. This parameter is sampled and not 100% tested.
6. Device is continuously selected with CE = VIL.
7. Address valid prior to coincident with CE transition Low.
8. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write
cycle.
9. For test conditions, see AC Test Condition, Figure A.
REV. 1.1 April 2001 V62C2161024L(L)


Similar Part No. - V62C2161024LL-70T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L-100B MOSEL-V62C2162048L-100B Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L-100T MOSEL-V62C2162048L-100T Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L-35B MOSEL-V62C2162048L-35B Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C2162048L-35T MOSEL-V62C2162048L-35T Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
More results

Similar Description - V62C2161024LL-70T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1161024L MOSEL-V62C1161024L Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C3161024L MOSEL-V62C3161024L Datasheet
89Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV1010 BSI-BS616UV1010_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 64K X 16 bit
BS616UV1010 BSI-BS616UV1010 Datasheet
216Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 64K X 16 bit
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com