Electronic Components Datasheet Search |
|
TS4962 Datasheet(PDF) 9 Page - STMicroelectronics |
|
TS4962 Datasheet(HTML) 9 Page - STMicroelectronics |
9 / 46 page TS4962 Electrical characteristics 9/46 3 Electrical characteristics 3.1 Electrical characteristics tables Table 5. Electrical characteristics at VCC = +5V, with GND = 0V, Vicm = 2.5V, and Tamb = 25°C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Unit ICC Supply current No input signal, no load 2.3 3.3 mA ISTBY Standby current (1) No input signal, VSTBY = GND 10 1000 nA Voo Output offset voltage No input signal, RL = 8Ω 325 mV Pout Output power, G=6dB THD = 1% Max, f = 1kHz, RL = 4Ω THD = 10% Max, f = 1kHz, RL = 4Ω THD = 1% Max, f = 1kHz, RL = 8Ω THD = 10% Max, f = 1kHz, RL = 8Ω 2.2 2.8 1.4 1.7 W THD + N Total harmonic distortion + noise Pout = 850 mWRMS, G = 6dB, 20Hz < f < 20kHz RL = 8Ω + 15µH, BW < 30kHz Pout = 1WRMS, G = 6dB, f = 1kHz RL = 8Ω + 15µH, BW < 30kHz 2 0.4 % Efficiency Efficiency Pout = 2 WRMS, RL = 4Ω +≥ 15µH Pout =1.2 WRMS, RL = 8Ω+≥ 15µH 78 88 % PSRR Power supply rejection ratio with inputs grounded (2) f = 217Hz, RL = 8Ω, G=6dB, Vripple = 200mVpp 63 dB CMRR Common mode rejection ratio f = 217Hz, RL = 8Ω, G = 6dB, ΔVic = 200mVpp 57 dB Gain Gain value (Rin in kΩ)V/V RSTBY Internal resistance from standby to GND 273 300 327 k Ω FPWM Pulse width modulator base frequency 200 280 360 kHz SNR Signal to noise ratio (A weighting), Pout = 1.2W, RL = 8Ω 85 dB tWU Wake-up time 5 10 ms tSTBY Standby time 5 10 ms 273k Ω R in ----------------- 300k Ω R in ----------------- 327k Ω R in ----------------- |
Similar Part No. - TS4962_07 |
|
Similar Description - TS4962_07 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |