Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP6X66TAY Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM8AP6X66TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP6X66TAY Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM8AP6X66TAY Datasheet HTML 18Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 19Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 20Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 21Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 22Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 23Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 24Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 25Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
Product overview
STM8AF61xx, STM8AF51xx
22/100
5.9.2
LINUART
Main features
LIN master/slave rev. 2.1 compliant
Auto-synchronization in LIN slave mode
16-bit baud rate prescaler
1 Mbit full duplex SCI
LIN master
Autonomous header handling
13-bit LIN synch break generation
LIN slave
Autonomous header handling - one single interrupt per valid message header
Automatic baud rate synchronization - maximum tolerated initial clock deviation ±15 %
Synch delimiter checking
11-bit LIN synch break detection - break detection always active
Parity check on the LIN identifier field
LIN error management
Hot plugging support
Asynchronous communication (UART)
Full duplex, asynchronous communications - NRZ standard format (mark/space)
Independently programmable transmit and receive baud rates up to 500 Kbit/s
Programmable data word length (8 or 9 bits)
Low-power standby mode - two receiver wake-up modes:
Address bit (MSB)
Idle line
Muting function for multiprocessor configurations
Overrun, noise and frame error detection
Six interrupt sources
Tx, Rx parity control
5.9.3
SPI
Maximum speed: 10 Mbit/s or fCPU/2 both for master and slave
Full duplex synchronous transfers
Simplex synchronous transfers on two lines with a possible bidirectional data line
Master or slave operation - selectable by hardware or software
CRC calculation
1 byte Tx and Rx buffer
Slave/master selection input pin


Similar Part No. - STM8AP6X66TAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AP6346ITA STMICROELECTRONICS-STM8AP6346ITA Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AP6346ITC STMICROELECTRONICS-STM8AP6346ITC Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AP6346ITD STMICROELECTRONICS-STM8AP6346ITD Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AP6346IUA STMICROELECTRONICS-STM8AP6346IUA Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AP6346IUC STMICROELECTRONICS-STM8AP6346IUC Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
More results

Similar Description - STM8AP6X66TAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AF528ATAY STMICROELECTRONICS-STM8AF528ATAY Datasheet
1Mb / 114P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF52AATAY STMICROELECTRONICS-STM8AF52AATAY Datasheet
1Mb / 114P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF526X STMICROELECTRONICS-STM8AF526X Datasheet
1Mb / 125P
   Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF6388 STMICROELECTRONICS-STM8AF6388 Datasheet
1Mb / 116P
   Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
October 2017 Rev 1
STM8AF6268 STMICROELECTRONICS-STM8AF6268 Datasheet
1Mb / 89P
   Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
STM8AF6366 STMICROELECTRONICS-STM8AF6366 Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AF6213 STMICROELECTRONICS-STM8AF6213 Datasheet
1Mb / 106P
   Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
STM8AF6213 STMICROELECTRONICS-STM8AF6213_V01 Datasheet
2Mb / 112P
   Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I짼C, 3 to 5.5 V
April 2020
STM8S103XX STMICROELECTRONICS-STM8S103XX Datasheet
1Mb / 56P
   Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I짼C
STM8AF52AA STMICROELECTRONICS-STM8AF52AA Datasheet
1Mb / 110P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com