Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP6X66TAY Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM8AP6X66TAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP6X66TAY Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM8AP6X66TAY Datasheet HTML 38Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 39Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 40Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 41Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 42Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 43Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 44Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 45Page - STMicroelectronics STM8AP6X66TAY Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 100 page
background image
Register mapping
STM8AF61xx, STM8AF51xx
42/100
00 5250h
TIM1
TIM1_CR1
TIM1 control register 1
00h
00 5251h
TIM1_CR2
TIM1 control register 2
00h
00 5252h
TIM1_SMCR
TIM1 slave mode control register
00h
00 5253h
TIM1_ETR
TIM1 external trigger register
00h
00 5254h
TIM1_IER
TIM1 interrupt enable register
00h
00 5255h
TIM1_SR1
TIM1 status register 1
00h
00 5256h
TIM1_SR2
TIM1 status register 2
00h
00 5257h
TIM1_EGR
TIM1 event generation register
00h
00 5258h
TIM1_CCMR1
TIM1 capture/compare mode register 1
00h
00 5259h
TIM1_CCMR2
TIM1 capture/compare mode register 2
00h
00 525Ah
TIM1_CCMR3
TIM1 capture/compare mode register 3
00h
00 525Bh
TIM1_CCMR4
TIM1 capture/compare mode register 4
00h
00 525Ch
TIM1_CCER1
TIM1 capture/compare enable register 1
00h
00 525Dh
TIM1_CCER2
TIM1 capture/compare enable register 2
00h
00 525Eh
TIM1_CNTRH
TIM1 counter high
00h
00 525Fh
TIM1_CNTRL
TIM1 counter low
00h
00 5260h
TIM1_PSCRH
TIM1 prescaler register high
00h
00 5261h
TIM1_PSCRL
TIM1 prescaler register low
00h
00 5262h
TIM1_ARRH
TIM1 auto-reload register high
FFh
00 5263h
TIM1_ARRL
TIM1 auto-reload register low
FFh
00 5264h
TIM1_RCR
TIM1 repetition counter register
00h
00 5265h
TIM1_CCR1H
TIM1 capture/compare register 1 high
00h
00 5266h
TIM1_CCR1L
TIM1 capture/compare register 1 low
00h
00 5267h
TIM1_CCR2H
TIM1 capture/compare register 2 high
00h
00 5268h
TIM1_CCR2L
TIM1 capture/compare register 2 low
00h
00 5269h
TIM1_CCR3H
TIM1 capture/compare register 3 high
00h
00 526Ah
TIM1_CCR3L
TIM1 capture/compare register 3 low
00h
00 526Bh
TIM1_CCR4H
TIM1 capture/compare register 4 high
00h
00 526Ch
TIM1_CCR4L
TIM1 capture/compare register 4 low
00h
00 526Dh
TIM1_BKR
TIM1 break register
00h
00 526Eh
TIM1_DTR
TIM1 dead-time register
00h
00 526Fh
TIM1_OISR
TIM1 output idle state register
00h
00 5270h
to
00 52FFh
Reserved area (147 bytes)
Table 10.
STM8A general hardware register map (continued)
Address
Block
Register label
Register name
Reset
status


Similar Part No. - STM8AP6X66TAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AP6346ITA STMICROELECTRONICS-STM8AP6346ITA Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AP6346ITC STMICROELECTRONICS-STM8AP6346ITC Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AP6346ITD STMICROELECTRONICS-STM8AP6346ITD Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AP6346IUA STMICROELECTRONICS-STM8AP6346IUA Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AP6346IUC STMICROELECTRONICS-STM8AP6346IUC Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
More results

Similar Description - STM8AP6X66TAY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8AF528ATAY STMICROELECTRONICS-STM8AF528ATAY Datasheet
1Mb / 114P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF52AATAY STMICROELECTRONICS-STM8AF52AATAY Datasheet
1Mb / 114P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF526X STMICROELECTRONICS-STM8AF526X Datasheet
1Mb / 125P
   Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
STM8AF6388 STMICROELECTRONICS-STM8AF6388 Datasheet
1Mb / 116P
   Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
October 2017 Rev 1
STM8AF6268 STMICROELECTRONICS-STM8AF6268 Datasheet
1Mb / 89P
   Automotive 8-bit MCU, with up to 32 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
STM8AF6366 STMICROELECTRONICS-STM8AF6366 Datasheet
1Mb / 95P
   Automotive 8-bit MCU, with up to 32-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I2C, 3 to 5.5 V
April 2020 Rev 2
STM8AF6213 STMICROELECTRONICS-STM8AF6213 Datasheet
1Mb / 106P
   Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
STM8AF6213 STMICROELECTRONICS-STM8AF6213_V01 Datasheet
2Mb / 112P
   Automotive 8-bit MCU, with up to 8-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, SPI, I짼C, 3 to 5.5 V
April 2020
STM8S103XX STMICROELECTRONICS-STM8S103XX Datasheet
1Mb / 56P
   Access line, STM8S 8-bit MCU, up to 32 Kbytes Flash, 10-bit ADC, timers, USART, SPI, I짼C
STM8AF52AA STMICROELECTRONICS-STM8AF52AA Datasheet
1Mb / 110P
   Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com