Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP30NE06LFP Datasheet(PDF) 9 Page - STMicroelectronics

Part # STP30NE06LFP
Description  N - CHANNEL 60V - 0.035 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP30NE06LFP Datasheet(HTML) 9 Page - STMicroelectronics

  STP30NE06LFP Datasheet HTML 1Page - STMicroelectronics STP30NE06LFP Datasheet HTML 2Page - STMicroelectronics STP30NE06LFP Datasheet HTML 3Page - STMicroelectronics STP30NE06LFP Datasheet HTML 4Page - STMicroelectronics STP30NE06LFP Datasheet HTML 5Page - STMicroelectronics STP30NE06LFP Datasheet HTML 6Page - STMicroelectronics STP30NE06LFP Datasheet HTML 7Page - STMicroelectronics STP30NE06LFP Datasheet HTML 8Page - STMicroelectronics STP30NE06LFP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Information furnished is believ ed to be accurate and reliable. However, STMicroelectronics assumes no responsibil ity for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specific ation mentioned in this publication are
subjec t to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 1999 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
http://www.st.com
.
STP30NE06L/FP
9/9


Similar Part No. - STP30NE06LFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP30NE06 STMICROELECTRONICS-STP30NE06 Datasheet
48Kb / 6P
   N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
STP30NE06FP STMICROELECTRONICS-STP30NE06FP Datasheet
48Kb / 6P
   N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
More results

Similar Description - STP30NE06LFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP30NE06 STMICROELECTRONICS-STP30NE06 Datasheet
48Kb / 6P
   N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
   N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
   N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
STP30NE03L STMICROELECTRONICS-STP30NE03L Datasheet
105Kb / 9P
   N - CHANNEL 30V - 0.028 ohm - 30A TO-220/TO-220FP STripFET POWER MOSFET
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
   N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
STP16NE06 STMICROELECTRONICS-STP16NE06 Datasheet
337Kb / 9P
   N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET
STP20NE06 STMICROELECTRONICS-STP20NE06 Datasheet
104Kb / 9P
   N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
STP16NF06 STMICROELECTRONICS-STP16NF06 Datasheet
367Kb / 9P
   N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET??II POWER MOSFET
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
   N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com