Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC191TTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HC191TTR
Description  4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC191TTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HC191TTR Datasheet HTML 2Page - STMicroelectronics M74HC191TTR Datasheet HTML 3Page - STMicroelectronics M74HC191TTR Datasheet HTML 4Page - STMicroelectronics M74HC191TTR Datasheet HTML 5Page - STMicroelectronics M74HC191TTR Datasheet HTML 6Page - STMicroelectronics M74HC191TTR Datasheet HTML 7Page - STMicroelectronics M74HC191TTR Datasheet HTML 8Page - STMicroelectronics M74HC191TTR Datasheet HTML 9Page - STMicroelectronics M74HC191TTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
M74HC191
6/14
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH tPHL Propagation Delay
Time
(CLOCK - Q)
2.0
92
180
225
270
ns
4.5
23
36
45
54
6.0
20
31
38
46
tPLH tPHL Propagation Delay
Time
(CLOCK - RCO)
2.0
39
120
150
180
ns
4.5
13
24
30
36
6.0
11
20
26
31
tPLH tPHL Propagation Delay
Time (CLOCK -
MAX/MIN)
2.0
120
240
300
360
ns
4.5
30
48
60
72
6.0
26
41
51
61
tPLH tPHL Propagation Delay
Time (LOAD - Q)
2.0
108
205
255
310
ns
4.5
27
41
51
61
6.0
23
35
43
53
tPLH tPHL Propagation Delay
Time (DATA - Q)
2.0
84
175
220
265
ns
4.5
21
35
44
53
6.0
18
30
37
45
tPLH tPHL Propagation Delay
Time (ENABLE -
RCO)
2.0
39
105
130
160
ns
4.5
13
21
26
32
6.0
11
18
22
27
tPLH tPHL Propagation Delay
Time (D/U - RCO)
2.0
63
180
225
270
ns
4.5
21
36
45
54
6.0
18
31
38
46
tPLH tPHL Propagation Delay
Time (D/U - MAX/
MIN)
2.0
64
160
200
240
ns
4.5
18
32
40
48
6.0
15
27
34
41
fMAX
Maximum Clock
Frequency
2.0
6.2
9
4
3.4
MHz
4.5
31
37
20
17
6.0
37
44
24
20
tW(H)
tW(L)
Minimum Pulse
Width (CLOCK)
2.0
40
100
125
150
ns
4.5
10
20
25
30
6.0
9
172126
tW(L)
Minimum Pulse
Width (LOAD)
2.0
36
75
95
110
ns
4.5
9
151922
6.0
8
131619
ts
Minimum Set-up
Time(SI, PI - CK)
2.0
80
175
220
265
ns
4.5
20
35
44
53
6.0
17
30
37
45
ts
Minimum Set-up
Time(S0, S1 - CK)
2.0
16
50
60
75
ns
4.5
4
101215
6.0
3
9
11
13
th
Minimum Hold
Time
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0


Similar Part No. - M74HC191TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC191 STMICROELECTRONICS-M74HC191 Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC191B1R STMICROELECTRONICS-M74HC191B1R Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC191C1R STMICROELECTRONICS-M74HC191C1R Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC191F1R STMICROELECTRONICS-M74HC191F1R Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC191M1R STMICROELECTRONICS-M74HC191M1R Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
More results

Similar Description - M74HC191TTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
Texas Instruments
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190_01 Datasheet
555Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Aeroflex Circuit Techno...
UT54ACS190 AEROFLEX-UT54ACS190 Datasheet
266Kb / 10P
   Synchronous 4-Bit Up-Down BCD Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com