Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6213B122MR Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6213B122MR
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213B122MR Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6213B122MR Datasheet HTML 5Page - Torex Semiconductor XC6213B122MR Datasheet HTML 6Page - Torex Semiconductor XC6213B122MR Datasheet HTML 7Page - Torex Semiconductor XC6213B122MR Datasheet HTML 8Page - Torex Semiconductor XC6213B122MR Datasheet HTML 9Page - Torex Semiconductor XC6213B122MR Datasheet HTML 10Page - Torex Semiconductor XC6213B122MR Datasheet HTML 11Page - Torex Semiconductor XC6213B122MR Datasheet HTML 12Page - Torex Semiconductor XC6213B122MR Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9/28
XC6213
Series
■TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Output Current
XC6213B122
VIN=VCE=2.2V, CIN=1.0μF, CL=3.3μF (ceramic)
XC6213B122
VIN=VCE, Ta=25℃, CIN=1.0μF, CL=3.3μF (ceramic)
XC6213B152
VIN=VCE=2.5V, CIN=1.0μF, CL=3.3μF (ceramic)
XC6213B152
VIN=VCE, Ta=25℃, CIN=1.0,μF CL=3.3μF (ceramic)
XC6213B182
VIN=VCE, Ta=25℃, CIN=CL=1.0μF (ceramic)
XC6213B182
VIN=VCE=2.8V, CIN=CL=1.0μF (ceramic)
VIN=6.0V
VIN=2.1V
VIN=VCE=2.2V, CIN=1.0μF, CL=3.3μF (ceramic)
VIN=VCE, Ta=25℃, CIN=1.0μF, CL=3.3μF (ceramic)
Output Current: IOUT (mA)
Output Current: IOUT (mA)
Output Current: IOUT (mA)
Output Current: IOUT (mA)
Output Current: IOUT (mA)
Output Current: IOUT (mA)


Similar Part No. - XC6213B122MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213B30AN TOREX-XC6213B30AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B31AN TOREX-XC6213B31AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B32AN TOREX-XC6213B32AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B33AN TOREX-XC6213B33AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B34AN TOREX-XC6213B34AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
More results

Similar Description - XC6213B122MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com