Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6213B202MR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6213B202MR
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213B202MR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6213B202MR Datasheet HTML 1Page - Torex Semiconductor XC6213B202MR Datasheet HTML 2Page - Torex Semiconductor XC6213B202MR Datasheet HTML 3Page - Torex Semiconductor XC6213B202MR Datasheet HTML 4Page - Torex Semiconductor XC6213B202MR Datasheet HTML 5Page - Torex Semiconductor XC6213B202MR Datasheet HTML 6Page - Torex Semiconductor XC6213B202MR Datasheet HTML 7Page - Torex Semiconductor XC6213B202MR Datasheet HTML 8Page - Torex Semiconductor XC6213B202MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5/28
XC6213
Series
Ta=25OC
SYMBOL
E-0
E-1
E-2
DROPOUT VOLTAGE 1
DROPTOUT VOLTAGE 2
SETTING
VOLTAGE
OUTPUT VOLTAGE
(V)
IOUT=30mA (mV)
IOUT=100mA (mV)
VOUT
Vdif1
Vdif1
Vdif2
Vdif2
VOUT(T)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
1.20
1.170
1.230
760
800
850
1000
1.25
1.220
1.280
760
800
850
1000
1.30
1.270
1.330
660
700
810
960
1.35
1.320
1.380
660
700
810
960
1.40
1.370
1.430
560
600
770
920
1.45
1.420
1.480
560
600
770
920
1.50
1.470
1.530
460
500
730
880
1.55
1.519
1.581
460
500
730
880
1.60
1.568
1.632
360
400
690
840
1.65
1.617
1.683
360
400
690
840
1.70
1.666
1.734
260
300
650
800
1.75
1.715
1.785
260
300
650
800
1.80
1.764
1.836
200
240
600
750
1.85
1.813
1.887
200
240
600
750
1.90
1.862
1.938
200
240
600
750
1.95
1.911
1.989
200
240
600
750
2.00
1.960
2.040
190
230
530
670
2.05
2.009
2.091
190
230
530
670
2.10
2.058
2.142
190
230
530
670
2.15
2.107
2.193
190
230
530
670
2.20
2.156
2.244
190
230
530
670
2.25
2.205
2.295
190
230
530
670
2.30
2.254
2.346
190
230
530
670
2.35
2.303
2.397
190
230
530
670
2.40
2.352
2.448
190
230
530
670
2.45
2.401
2.499
190
230
530
670
2.50
2.450
2.550
180
210
470
580
2.55
2.499
2.601
180
210
470
580
2.60
2.548
2.652
180
210
470
580
2.65
2.597
2.703
180
210
470
580
2.70
2.646
2.754
180
210
470
580
2.75
2.695
2.805
180
210
470
580
2.80
2.744
2.856
180
210
470
580
2.85
2.793
2.907
180
210
470
580
2.90
2.842
2.958
180
210
470
580
2.95
2.891
3.009
180
210
470
580
3.00
2.940
3.060
150
180
400
500
3.05
2.989
3.111
150
180
400
500
3.10
3.038
3.162
150
180
400
500
3.15
3.087
3.213
150
180
400
500
3.20
3.136
3.264
150
180
400
500
3.25
3.185
3.315
150
180
400
500
3.30
3.234
3.366
150
180
400
500
3.35
2.283
3.417
150
180
400
500
3.40
2.332
3.468
150
180
400
500
3.45
3.381
3.519
150
180
400
500
■ELECTRICAL CHARACTERISTICS (Continued)
●Dropout Voltage Chart


Similar Part No. - XC6213B202MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213B30AN TOREX-XC6213B30AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B31AN TOREX-XC6213B31AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B32AN TOREX-XC6213B32AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B33AN TOREX-XC6213B33AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B34AN TOREX-XC6213B34AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
More results

Similar Description - XC6213B202MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com