Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC25BS5_002 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC25BS5_002
Description  PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS5_002 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC25BS5_002 Datasheet HTML 1Page - Torex Semiconductor XC25BS5_002 Datasheet HTML 2Page - Torex Semiconductor XC25BS5_002 Datasheet HTML 3Page - Torex Semiconductor XC25BS5_002 Datasheet HTML 4Page - Torex Semiconductor XC25BS5_002 Datasheet HTML 5Page - Torex Semiconductor XC25BS5_002 Datasheet HTML 6Page - Torex Semiconductor XC25BS5_002 Datasheet HTML 7Page - Torex Semiconductor XC25BS5_002 Datasheet HTML 8Page - Torex Semiconductor XC25BS5_002 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
XC25BS5
Series
FREQUENCY CONFIGURATION: EXAMPLE 1
Electrical Characteristics (DC)
XC25BS51xxMR
Electrical Characteristics (AC)
XC25BS51xxMR
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
Input Frequency
f CLKin
11.0000
-
16.9344
MHz
Multiplier/Divider Ratio
N/M
-
1.594
-
-
PLL Output Frequency
fQ0
17.5383
-
27.0000
MHz
Q1 Output Frequency
Q1
GND
-
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
2.97
3.30
3.63
V
Input Voltage "High"
VIH
2.7
-
-
V
Input Voltage "Low"
VIL
-
-
0.6
V
Input Current "High"
IIH
VCK = 3.3V
-
-
3.0
μ
A
Input Current "Low"
IIL
VCK = 0V
-3.0
-
-
μ
A
Output Voltage "High"
VOH
VDD = 2.97V, IOH = -8mA
2.5
-
-
V
Output Voltage "Low"
VOL
VDD = 2.97V, IOL = 8mA
-
-
0.4
V
Supply Current 1
IDD1
CE = 3.3V
-
3.0
6.0
mA
Supply Current 2
IDD2
CE = 0V
-
-
5.0
μ
A
CE "High" Voltage
VCEH
2.7
-
-
V
CE "Low" Voltage
VCEL
-
-
0.45
V
CE Pull-Down Resistance 1
Rp1
CE = 3.3V
0.5
1.5
2.5
CE Pull-Down Resistance 2
Rp2
CE = 0.3V
20.0
50.0
80.0
fCLKin = 16.9344MHz, Multiplier/Divider Ratio = 1.594, Ta = 25℃, No Load
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Rise Time
TTLH
VDD=3.3V(20% to 80%) (*1)
-
5.0
-
ns
Output Fall Time
TTHL
VDD=3.3V(20% to 80%) (*1)
-
5.0
-
ns
Duty Ratio
DUTY
40
50
60
%
Output Start Time
Ton
(*1)
-
-
20
ms
PLL Output Jitter
Tj
1σ (*1)
-
40
-
ps
*1 R&D guarantee
fCLKin=16.9344MHz, Multiplier/Divider Ratio=1.594, Ta=25℃, CL=15pF
XC25BS51XXMR


Similar Part No. - XC25BS5_002

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS5001ML TOREX-XC25BS5001ML Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5001MR TOREX-XC25BS5001MR Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5007DX TOREX-XC25BS5007DX Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC25BS5107MX TOREX-XC25BS5107MX Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC25BS5S01DX TOREX-XC25BS5S01DX Datasheet
494Kb / 9P
   CMOS Low Power Consumption
More results

Similar Description - XC25BS5_002

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8 Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8_1 Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS6 TOREX-XC25BS6_1 Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6 TOREX-XC25BS6 Datasheet
57Kb / 4P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Torex Semiconductor
XC2173 TOREX-XC2173 Datasheet
160Kb / 8P
   ICs for use with Crystal Oscillators (PLL built-in)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com