Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC25BS8001EL Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC25BS8001EL
Description  Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS8001EL Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC25BS8001EL Datasheet HTML 4Page - Torex Semiconductor XC25BS8001EL Datasheet HTML 5Page - Torex Semiconductor XC25BS8001EL Datasheet HTML 6Page - Torex Semiconductor XC25BS8001EL Datasheet HTML 7Page - Torex Semiconductor XC25BS8001EL Datasheet HTML 8Page - Torex Semiconductor XC25BS8001EL Datasheet HTML 9Page - Torex Semiconductor XC25BS8001EL Datasheet HTML 10Page - Torex Semiconductor XC25BS8001EL Datasheet HTML 11Page - Torex Semiconductor XC25BS8001EL Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8/14
XC25BS8Series
■NOTE ON USE (Continued)
●Instructions on Pattern Layout
1. In order to stabilize VDD voltage level, we recommend that a by-pass capacitor (CIN) be connected as close as possible to
the VDD and VSS pins.
2. Please mount the low pass filter capacitor C1(=0.1μF) as close to the IC as possible.
3. Make the pattern as close to the IC as possible and use thick, short connecting traces to reduce the circuit impedance.
4. Make sure that the VSS (GND) traces are as thick as possible, as variations in ground potential caused by noise may
result in instability of this product.
< Reference pattern layout >
* We prepare the evaluation board PCB, which is designed by the below layout pattern.
1. SOT-26W Reference Pattern Layout
2. USP-6C Reference Pattern Layout
VSS
VDD
QO
CE
C1
XC25BS8
TOREX
CLK


Similar Part No. - XC25BS8001EL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS8025 TOREX-XC25BS8025 Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8025ER TOREX-XC25BS8025ER Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8025ER-G TOREX-XC25BS8025ER-G Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8025MR TOREX-XC25BS8025MR Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8025MR-G TOREX-XC25BS8025MR-G Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
More results

Similar Description - XC25BS8001EL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS8 TOREX-XC25BS8_1 Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
XC25BS6 TOREX-XC25BS6_1 Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6 TOREX-XC25BS6 Datasheet
57Kb / 4P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com