Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP36NE06 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP36NE06
Description  N - CHANNEL 60V - 0.032ohm - 36A - TO-220/TO-220FP STripFET POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP36NE06 Datasheet(HTML) 2 Page - STMicroelectronics

  STP36NE06 Datasheet HTML 1Page - STMicroelectronics STP36NE06 Datasheet HTML 2Page - STMicroelectronics STP36NE06 Datasheet HTML 3Page - STMicroelectronics STP36NE06 Datasheet HTML 4Page - STMicroelectronics STP36NE06 Datasheet HTML 5Page - STMicroelectronics STP36NE06 Datasheet HTML 6Page - STMicroelectronics STP36NE06 Datasheet HTML 7Page - STMicroelectronics STP36NE06 Datasheet HTML 8Page - STMicroelectronics STP36NE06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
THERMAL DATA
T O-220
TO-220F P
Rthj-ca se
Thermal Resistance Junction-case
Max
1. 51
4. 28
oC/W
Rthj- amb
Rthc- si nk
Tl
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
62.5
0.5
300
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symb ol
Parameter
Max Valu e
Uni t
IAR
Avalanche Current, Repetitive or Not -Repet itive
(pulse width limited by Tj max)
36
A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =25V)
180
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
V(BR)DSS
Drain-source
Breakdown Volt age
ID =250
µAVGS =0
60
V
IDSS
Zero G ate Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating
Tc =125
oC
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 100
nA
ON (
∗)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VGS(th)
Gate Threshold
Voltage
VDS =VGS
ID =250
µA
2
34V
RDS( on)
St atic Drain-source On
Resistance
VGS =10V
ID =18 A
0.032
0.04
ID(o n)
On St ate Drain Current
VDS >ID(on) xRDS(on)max
VGS =10 V
36
A
DYNAMIC
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
gfs (
∗)Forward
Transconduct ance
VDS >ID(on) xRDS(on)max
ID =18 A
7
15
S
Ciss
Coss
Crss
Input Capacitance
Output Capacit ance
Reverse T ransfer
Capacitance
VDS =25 V
f = 1 MHz
VGS = 0
2115
260
65
2800
350
90
pF
pF
pF
STP36NE06FP
2/9


Similar Part No. - STP36NE06

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
STP36NE06 NJSEMI-STP36NE06 Datasheet
153Kb / 3P
   N - CHANNEL 60V - 0.032Q - 36A - TO-220/TO-220FP STripFET??POWER MOSFET
STP36NE06FP NJSEMI-STP36NE06FP Datasheet
153Kb / 3P
   N - CHANNEL 60V - 0.032Q - 36A - TO-220/TO-220FP STripFET??POWER MOSFET
More results

Similar Description - STP36NE06

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
STP36NE06 NJSEMI-STP36NE06 Datasheet
153Kb / 3P
   N - CHANNEL 60V - 0.032Q - 36A - TO-220/TO-220FP STripFET??POWER MOSFET
logo
STMicroelectronics
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
   N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
STP60NF06FP STMICROELECTRONICS-STP60NF06FP Datasheet
330Kb / 9P
   N-CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET??POWER MOSFET
STP45NE06L STMICROELECTRONICS-STP45NE06L Datasheet
88Kb / 6P
   N - CHANNEL 60V - 0.022ohm - 45A - TO-220/TO-220FP STripFET POWER MOSFET
STP36NF06L STMICROELECTRONICS-STP36NF06L Datasheet
436Kb / 14P
   N-channel 60V - 0.032ohm - 30A - TO-220 - D2PAK STripFET TM II Power MOSFET
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
   N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
   N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
STP30NE06 STMICROELECTRONICS-STP30NE06 Datasheet
48Kb / 6P
   N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
STP16NE06 STMICROELECTRONICS-STP16NE06 Datasheet
337Kb / 9P
   N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET
STP20NE06 STMICROELECTRONICS-STP20NE06 Datasheet
104Kb / 9P
   N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com