Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6213B20AGR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6213B20AGR
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213B20AGR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6213B20AGR Datasheet HTML 1Page - Torex Semiconductor XC6213B20AGR Datasheet HTML 2Page - Torex Semiconductor XC6213B20AGR Datasheet HTML 3Page - Torex Semiconductor XC6213B20AGR Datasheet HTML 4Page - Torex Semiconductor XC6213B20AGR Datasheet HTML 5Page - Torex Semiconductor XC6213B20AGR Datasheet HTML 6Page - Torex Semiconductor XC6213B20AGR Datasheet HTML 7Page - Torex Semiconductor XC6213B20AGR Datasheet HTML 8Page - Torex Semiconductor XC6213B20AGR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2/28
XC6213 Series
PIN NUMBER
SOT-25
SSOT-24
USP-4
PIN NAME
FUNCTION
3
1
3
CE
On / Off Switch
2
2
2
VSS
Ground
5
3
1
VOUT
Output
1
4
4
VIN
Power Supply
4
-
-
NC
No Connection
MARK
DESCRIPTION
SYMBOL
DESCRIPTION
Type of Regulator
B
: High Active with no pull-down resistor (standard)
②③
Output Voltage
12~50
: Output Voltage:
ex.) 3.0V→ ② =3, ③= 0
2
: 100mV increments, ±2% accuracy ex.) 2.80V → ②=2, ③= 8, ④= 2
Output Voltage
Accuracy
A
: 50mV increments, ±2% accuracy ex.) 2.85V → ②=2, ③= 8, ④= A
M
: SOT-25 (SOT-23-5)
N
: SSOT-24
Packages
G
: USP-4
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
■PIN CONFIGURATION
■PIN ASSIGNMENT
SOT-25 (SOT-23-5)
(TOP VIEW)
SSOT-24
(TOP VIEW)
USP-4
(BOTTOM VIEW)
3
CE
4 VIN
VSS 2
VOUT 1
■PRODUCT CLASSIFICATION
●Ordering Information
VOUT
NC
123
4
5
VIN
VSS
CE
VOUT
1
2
4
3
VIN
VSS
CE
XC6213①②③④⑤⑥
*The dissipation pad for the USP-4
package should be solder-plated in
recommended mount pattern and
metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to
other pins, it should be connected to
the VSS (No. 2) pin


Similar Part No. - XC6213B20AGR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213B30AN TOREX-XC6213B30AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B31AN TOREX-XC6213B31AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B32AN TOREX-XC6213B32AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B33AN TOREX-XC6213B33AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B34AN TOREX-XC6213B34AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
More results

Similar Description - XC6213B20AGR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com