Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6213B12AML Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6213B12AML
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6213B12AML Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6213B12AML Datasheet HTML 1Page - Torex Semiconductor XC6213B12AML Datasheet HTML 2Page - Torex Semiconductor XC6213B12AML Datasheet HTML 3Page - Torex Semiconductor XC6213B12AML Datasheet HTML 4Page - Torex Semiconductor XC6213B12AML Datasheet HTML 5Page - Torex Semiconductor XC6213B12AML Datasheet HTML 6Page - Torex Semiconductor XC6213B12AML Datasheet HTML 7Page - Torex Semiconductor XC6213B12AML Datasheet HTML 8Page - Torex Semiconductor XC6213B12AML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1/28
XC6213 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
■GENERAL DESCRIPTION
The XC6213 series is a highly precise positive voltage LDO regulator with low noise manufactured using CMOS process. The
series achieves high ripple rejection and low dropout and consists of a voltage reference, an error amplifier, a current limiter
and a phase compensation circuit plus a driver transistor. Output voltage is selectable in 50mV increments within a range of
1.2V to 5.0V. The series is also compatible with low ESR ceramic capacitors, which give output stability. The current limiter's
foldback circuit also operates as a short circuit protection for the output pin. The CE function enables the output to be turned
off, resulting in greatly reduced power consumption. Ultra small package SSOT-24, SOT-25, and USP-4 are available.
■APPLICATIONS
●Mobile phones
●Cordless phones,
Wireless communication equipment
●Portable games
●Cameras, Video recorders
●Portable AV equipment
●PDAs
■TYPICAL APPLICATION CIRCUIT
■FEATURES
Maximum Output Current
: 150mA @ VOUT=3.0V, VIN=4.0V
Dropout Voltage
: 400mV @ IOUT = 100mA
Input Voltage Range
: 2.0 ~ 6.0V
Output Voltage Range
: 1.2 ~ 5.0V (50mV Increments)
Highly Accurate
: ±2%
Low Power Consumption
: 35μA (TYP.)
Stand-by Current
: Less than 0.1μA
High Ripple Rejection
: 60dB @ 10kHz
Operating Temperature Range
: - 40℃ ~ 85℃
Low ESR Capacitor Compatible
: Ceramic capacitor
Ultra Small Packages
: SSOT-24
SOT-25
USP-4
●SSOT-24 package
■TYPICAL PERFORMANCE
CHARACTERI STICS
CE
VSS
VIN
VOUT
CL
1
μF
CIN
1
μF
●Ripple Rejection Rate vs. Ripple Frequency
XC6213B302
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Ripple Frequency : f (KHz)
VIN=VCE=4.0VDC+0.5p-pAC
IOUT=50mA , CL=1.0μF(ceramic)
ETR0308_004


Similar Part No. - XC6213B12AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213B30AN TOREX-XC6213B30AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B31AN TOREX-XC6213B31AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B32AN TOREX-XC6213B32AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B33AN TOREX-XC6213B33AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6213B34AN TOREX-XC6213B34AN Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
More results

Similar Description - XC6213B12AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6213 TOREX-XC6213_1 Datasheet
1Mb / 27P
   High Speed LDO Regulators, Low ESR Cap.Comratible, Ultra Small Package
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
Rohm
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
logo
SYNC POWER Crop.
SP2526 SYNC-POWER-SP2526 Datasheet
388Kb / 10P
   Low ESR Cap. Compatible Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com