Electronic Components Datasheet Search |
|
XC2301C52VML Datasheet(PDF) 2 Page - Torex Semiconductor |
|
XC2301C52VML Datasheet(HTML) 2 Page - Torex Semiconductor |
2 / 6 page 2/6 XC2301 Series DESIGNATOR DESCRIPTION SYMBOL DESCRIPTION ① Duty Level C : CMOS (VDD/2) ② Fixed Number 5 : - 1 : Q0=fin/1 2 : Q0=fin/2 4 : Q0=fin/4 ③ Divider Ratio 8 : Q0=fin/8 ④ Output V : Tri-state buffer ⑤ Package M : SOT-26 R : Embossed tape, standard feed ⑥ Device Orientation L : Embossed tape, reverse feed PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Operating Supply Voltage VDD 2.97 3.30 3.63 V Input Voltage "High" VIH /INH pin 2.4 - - V Input Voltage "Low" VIL /INH pin - - 0.4 V Output Voltage "High" VOH Q0 pin, VDD=2.97V, IOH= -8mA 2.2 2.4 - V Output Voltage "Low" VOL Q0 pin, VDD=2.97V, IOL=8mA - 0.3 0.4 V XC2301C51V (fin/1) - 13.0 - XC2301C52V (fin/2) - 9.0 - XC2301C54V (fin/4) - 7.0 - Supply Current 1 IDD1 /INH =OPEN, Q0=OPEN Fin=160MHz XC2301C58V (fin/8) - 6.0 - mA Supply Current 2 IDD2 /INH ="L", fin=160MHz - 4.5 - mA Input Pull-Up Resistance 1 Rup1 /INH ="L" 1.0 2.0 4.0 MΩ Input Pull-Up Resistance 2 Rup2 /INH =0.7VDD 35 70 140 kΩ Output Off Leak Current IOZ Q0 pin, /INH ="L" - - 10 μ A PARAMETER SYMBOL CONDITIONS UNITS Supply Voltage VDD VSS - 0.3 ~ VSS + 7.0 V Input Voltage VIN VSS - 0.3 ~ VDD + 0.3 V Power Dissipation Pd 250(**) mW Operating Temperature Range Topr - 40 ~ + 85 ℃ Storage Temperature Range Tstg - 55 ~ + 125 ℃ ■ PRODUCT CLASSIFICATION ● Ordering Information XC2301 ①②③④⑤⑥ ■ BLOCK DIAGRAM ■ ABSOLUTE MAXIMUM RATINGS Ta=25℃ ■ ELECTRICAL CHARACTERISTICS ● DC Electrical Characteristics ** When implemented on a glass epoxy PCB. (Unless otherwise stated, VDD=3.3V, No Load, Ta=25℃) |
Similar Part No. - XC2301C52VML |
|
Similar Description - XC2301C52VML |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |