Electronic Components Datasheet Search |
|
XC6204F132MR Datasheet(PDF) 3 Page - Torex Semiconductor |
|
XC6204F132MR Datasheet(HTML) 3 Page - Torex Semiconductor |
3 / 49 page 3/49 XC6204/XC6205 Series DESIGNATOR DESCRIPTION SYMBOL DESCRIPTION A / E : High Active, pull-down resistor built-in B / F : High Active, no pull-down resistor built-in C / G : Low Active, pull-up resistor built-in ① (*1) Type of Regulator (CE pin Logic) D / H : Low Active, no pull-up resistor built-in ② ③ Output Voltage 09 ~ 60, : e.g. VOUT=2.0V ②→=2, ③=0 2 : 100mV increments, ±2% accuracy e.g. VOUT=3.8V, ±2%→②=3, ③=8, ④=2 1 (*2) : 100mV increments, ±1% accuracy e.g. VOUT=3.0V, ±1%→②=3, ③=0, ④=1 A : 0.05V increments, ±2% accuracy e.g. VOUT=3.85V, ±2%→②=3, ③=8, ④=A ④ Output Voltage Accuracy B (*2) : 0.05V increments, ±1% accuracy e.g. VOUT=3.05V, ±1%→②=3, ③=0, ④=B M : SOT-25 (SOT-23-5) D : USP-6B ⑤ Package P : SOT-89-5 R : Embossed tape, standard feed ⑥ Device Orientation L : Embossed tape, reverse feed XC6204/6205 ①②③④⑤⑥ NOTE : *1: E to H types are compatible to 300mA of XC6204 series. *2: Output voltage range of the ±1% accuracy product is 3.0V to 6.0V. ■PRODUCT CLASSIFICATION ●Selection Guide The following options for the CE pin logic and internal pull-up/down are available: High Active + no pull-down resistor built-in (standard) High Active + 300k Ω pull-down resistor built-in <between CE-VSS> (semi-custom) Low Active + no pull-up resistor built-in (semi-custom) Low Active + 300k Ω pull-up resistor built-in <between CE-VSS> (semi-custom) Note: With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN / 300k Ω (TYP.) ●Ordering Information |
Similar Part No. - XC6204F132MR |
|
Similar Description - XC6204F132MR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |