Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6109C12ANL Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6109C12ANL
Description  Voltage Detector with Delay Type Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6109C12ANL Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6109C12ANL Datasheet HTML 1Page - Torex Semiconductor XC6109C12ANL Datasheet HTML 2Page - Torex Semiconductor XC6109C12ANL Datasheet HTML 3Page - Torex Semiconductor XC6109C12ANL Datasheet HTML 4Page - Torex Semiconductor XC6109C12ANL Datasheet HTML 5Page - Torex Semiconductor XC6109C12ANL Datasheet HTML 6Page - Torex Semiconductor XC6109C12ANL Datasheet HTML 7Page - Torex Semiconductor XC6109C12ANL Datasheet HTML 8Page - Torex Semiconductor XC6109C12ANL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
XC6109 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Operating Voltage
VIN
VDF(T)=0.8~5.0V
(*1)
0.7
-
6.0
V
-
Detect Voltage
VDF
VDF(T)=0.8~5.0V
E-1
V
Hysteresis Width
VHYS
VIN=1.0~6.0V
VDF
x 0.02
VDF
x 0.05
VDF
x 0.08
V
VDF(T)=0.8~1.9V
-
0.80
1.70
VDF(T)=2.0~3.9V
-
0.90
1.90
Supply Current 1
ISS1
VIN=VDF x 0.9
VDF(T)=4.0~5.0V
-
1.00
2.00
μA
VDF(T)=0.8~1.9V
-
0.90
1.80
VDF(T)=2.0~3.9V
-
1.10
2.00
Supply Current 2
ISS2
VIN=VDF x 1.1
VDF(T)=4.0~5.0V
-
1.20
2.20
μA
VIN=0.7V
VDS=0.5V(Nch)
0.01
0.36
VIN=1.0V
(*2)
VDS=0.5V(Nch)
0.1
0.7
VIN=2.0V
(*3)
VDS=0.5V(Nch)
0.8
1.6
VIN=3.0V
(*4)
VDS=0.5V(Nch)
1.2
2.0
IOUT1
VIN=4.0V
(*5)
VDS=0.5V(Nch)
1.6
2.3
-
mA
Output Current
IOUT2
(*6)
VIN=VDFx1.1
VDS=0.5V (P-ch)
E-2
mA
CMOS
output
-
0.20
-
Leak
Current
N-ch Open
Drain
Output
ILEAK
VIN=6.0V, VOUT=6.0V, Cd: Open
-
0.20
0.40
μA
VDF
Temperature
Characteristics
Ta・VDF
-40 O
C<Ta<85 OC
-
±100
-
ppm/O
C
Delay Resistance
(*7)
Rdelay
VIN=6.0V, Cd=0V
1.6
2.0
2.4
M
Ω
Delay Pin Sink Current
ICD
Cd=0.5V, VIN=0.7V
8
60
-
μA
VIN=1.0V
0.4
0.5
0.6
Delay Capacitance Pin
Threshold Voltage
VTCD
VIN=6.0V
2.9
3.0
3.1
V
Unspecified Operating
Voltage
(*8)
VUNS
VIN=0~0.7V
-
0.3
0.4
V
Detect Delay Time
(*9)
TDF0
VIN=6.0 down to 0.7V
Cd: Open
-
30
230
μs
Release Delay Time
(*10)
TDR0
VIN=0.7~6.0V
Cd: Open
-
30
200
μs
■ELECTRICAL CHARACTERISTICS
Ta = 25OC
NOTE:
*1: VDF(T): Setting Detect Voltage
*2: VDF(T)>1.0V
*3: VDF(T)>2.0V
*4: VDF(T)>3.0V
*5: VDF(T)>4.0V
*6: This numerical value is applied only to the XC6109C series (CMOS output).
*7: Calculated from the voltage value and the current value of both ends of the resistor.
*8: The maximum voltage of the VOUT in the range of the VIN 0 to 0.7V. This numerical value is applied only to the XC6109C series
(CMOS output).
*9: Time which ranges from the state of VIN =VDF to the VOUT reaching 0.6V when the VIN falls without connecting to the Cd pin.
*10: Time which ranges from the state of VIN= VDF +VHYS to the VOUT reaching 5.4V when the VIN rises without connecting to the Cd pin.


Similar Part No. - XC6109C12ANL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109C1 TOREX-XC6109C1 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
XC6109C1XXNX TOREX-XC6109C1XXNX Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
More results

Similar Description - XC6109C12ANL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com