Electronic Components Datasheet Search
Selected language     English  β–Ό

Delete All
ON OFF

Advanced Search

              





ISPLSI1016E Datasheet(PDF) 5 Page - Lattice Semiconductor

Part No. ISPLSI1016E
Description  In-System Programmable High Density PLD
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 
 5 page
background image
5
Specifications ispLSI 1016E
External Timing Parameters
Over Recommended Operating Conditions
tpd1
UNITS
-125
MIN.
TEST
COND.
1. Unless noted otherwise, all parameters use the GRP, 20 PTXOR path, ORP and Y0 clock.
2. Refer to Timing Model in this data sheet for further details.
3. Standard 16-bit counter using GRP feedback.
4. Reference Switching Test Conditions Section.
Table 2-0030-16/125,100, 80
1
4
3
1
tsu2 + tco1
(
)
-100
MIN.
MAX.
MAX.
DESCRIPTION
#
2
PARAMETER
A
1
Data Prop. Delay, 4PT Bypass, ORP Bypass
–
7.5
–
10.0
ns
tpd2
A
2
Data Prop. Delay, Worst Case Path
–
–
ns
fmax
A
3
Clk. Frequency with Int. Feedback
125
–
100
–
MHz
fmax (Ext.)
–
4
Clk. Frequency with Ext. Feedback
–
–
MHz
fmax (Tog.)
–
5
Clk. Frequency, Max. Toggle
–
–
MHz
tsu1
–
6
GLB Reg. Setup Time before Clk., 4 PT Bypass
–
–
ns
tco1
A
7
GLB Reg. Clk. to Output Delay, ORP Bypass
–
–
ns
th1
–
8
GLB Reg. Hold Time after Clk., 4 PT Bypass
0.0
–
ns
tsu2
–
9
GLB Reg. Setup Time before Clk.
5.5
–
ns
tco2
–
10 GLB Reg. Clk. to Output Delay
–
–
ns
th2
–
11 GLB Reg. Hold Time after Clk.
0.0
–
ns
tr1
A
12 Ext. Reset Pin to Output Delay
–
–
ns
trw1
–
13 Ext. Reset Pulse Duration
5.0
–
ns
tptoeen
B
14 Input to Output Enable
–
–
ns
tptoedis
C
15 Input to Output Disable
–
–
ns
twh
–
18 Ext. Sync. Clk. Pulse Duration, High
3.0
4.0
ns
twl
–
19 Ext. Sync. Clk. Pulse Duration, Low
3.0
4.0
ns
tsu3
–
20 I/O Reg. Setup Time before Ext. Sync. Clk. (Y2, Y3) 3.0
–
–
ns
th3
–
21 I/O Reg. Hold Time after Ext. Sync. Clk. (Y2, Y3)
0.0
–
–
ns
100
167
5.0
4.5
–
–
5.5
–
10.0
–
12.0
12.0
–
–
10.0
77.0
125
7.0
0.0
8.0
0.0
6.5
3.5
0.0
13.0
5.0
6.0
13.5
15.0
15.0
–
–
(
)
1
twh + tw1
tgoeen
B
16 Global OE Output Enable
–
–
ns
7.0
9.0
tgoedis
C
17 Global OE Output Disable
–
–
ns
7.0
9.0
-80
MIN. MAX.
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
15.0
18.5
84.0
57.0
100
8.5
8.0
0.0
9.5
9.5
0.0
17.0
10.0
20.0
20.0
10.5
10.5
5.0
0.0
4.5
5.0
–
–
–
–




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISPLSI1016In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3448In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016EA_07In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
LC4032C3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs 1 2 3 4 5 MoreLattice Semiconductor
LTV-355THybrid substrates that require high density mounting Programmable controllers 1 2 3 4 5 MoreLite-On Technology Corporation
ISPLSI3192High Density Programmable Logic 1 2 3 4 5 MoreLattice Semiconductor
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
TLP521HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 ISOCOM COMPONENTS
CY25701_07Programmable High Frequency Crystal Oscillator with Spread Spectrum SSXO and No Spread Spectrum XO Option 1 2 3 4 5 MoreCypress Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl