Electronic Components Datasheet Search
Selected language     English  â–¼

Delete All
ON OFF

Advanced Search

              





ISPLSI1016E Datasheet(PDF) 1 Page - Lattice Semiconductor

Part No. ISPLSI1016E
Description  In-System Programmable High Density PLD
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 
 1 page
background image
ispLSI® 1016E
In-System Programmable High Density PLD
1016e_09
1
Lead-
Free
Package
Options
Available!
Features
• HIGH-DENSITY PROGRAMMABLE LOGIC
— 2000 PLD Gates
— 32 I/O Pins, Four Dedicated Inputs
— 96 Registers
— High-Speed Global Interconnect
— Wide Input Gating for Fast Counters, State
Machines, Address Decoders, etc.
— Small Logic Block Size for Random Logic
• HIGH-PERFORMANCE E2CMOS® TECHNOLOGY
—
fmax = 125 MHz Maximum Operating Frequency
—
tpd = 7.5 ns Propagation Delay
— TTL Compatible Inputs and Outputs
— Electrically Erasable and Reprogrammable
— Non-Volatile
— 100% Tested at Time of Manufacture
— Unused Product Term Shutdown Saves Power
• IN-SYSTEM PROGRAMMABLE
— In-System Programmable (ISP™) 5V Only
— Increased Manufacturing Yields, Reduced Time-to-
Market and Improved Product Quality
— Reprogram Soldered Device for Faster Prototyping
• OFFERS THE EASE OF USE AND FAST SYSTEM
SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY
OF FIELD PROGRAMMABLE GATE ARRAYS
— Complete Programmable Device Can Combine Glue
Logic and Structured Designs
— Enhanced Pin Locking Capability
— Three Dedicated Clock Input Pins
— Synchronous and Asynchronous Clocks
— Programmable Output Slew Rate Control to
Minimize Switching Noise
— Flexible Pin Placement
— Optimized Global Routing Pool Provides Global
Interconnectivity
— Lead-Free Package Options
Functional Block Diagram
CLK
A0
A1
A2
A3
A4
A5
A6
A7
B
7
B
6
B
5
B
4
B
3
B
2
B
1
B
0
Global Routing Pool (GRP)
Logic
Array
DQ
DQ
DQ
DQ
GLB
0139C1-isp
Description
The ispLSI 1016E is a High Density Programmable Logic
Device containing 96 Registers, 32 Universal I/O pins,
four Dedicated Input pins, three Dedicated Clock Input
pins, one Global OE input pin and a Global Routing Pool
(GRP). The GRP provides complete interconnectivity
between all of these elements. The ispLSI 1016E offers
5V non-volatile in-system programmability of the logic, as
well as the interconnect to provide truly reconfigurable
systems. A functional superset of the ispLSI 1016
architecture, the ispLSI 1016E device adds a new global
output enable pin.
The basic unit of logic on the ispLSI 1016E device is the
Generic Logic Block (GLB). The GLBs are labeled A0,
A1...B7 (see Figure 1). There are a total of 16 GLBs in the
ispLSI 1016E device. Each GLB has 18 inputs, a
programmable AND/OR/Exclusive OR array, and four
outputs which can be configured to be either combinatorial
or registered. Inputs to the GLB come from the GRP and
dedicated inputs. All of the GLB outputs are brought back
into the GRP so that they can be connected to the inputs
of any other GLB on the device.
Copyright © 2006 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com
August 2006




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISPLSI1016In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3448In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016EA_07In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
LC4032C3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs 1 2 3 4 5 MoreLattice Semiconductor
LTV-355THybrid substrates that require high density mounting Programmable controllers 1 2 3 4 5 MoreLite-On Technology Corporation
ISPLSI3192High Density Programmable Logic 1 2 3 4 5 MoreLattice Semiconductor
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
TLP521HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 ISOCOM COMPONENTS
CY25701_07Programmable High Frequency Crystal Oscillator with Spread Spectrum SSXO and No Spread Spectrum XO Option 1 2 3 4 5 MoreCypress Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl