Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



ISPLSI1032E Datasheet(HTML) 1 Page - Lattice Semiconductor

Part No. ISPLSI1032E
Description  In-System Programmable High Density PLD
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

ISPLSI1032E Datasheet(HTML) 1 Page - Lattice Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 page
background image
ispLSI ® 1032E
In-System Programmable High Density PLD
1032e_09
1
Lead-
Free
Package
Options
Available!
Functional Block Diagram
Features
• HIGH DENSITY PROGRAMMABLE LOGIC
— 6000 PLD Gates
— 64 I/O Pins, Eight Dedicated Inputs
— 192 Registers
— High Speed Global Interconnect
— Wide Input Gating for Fast Counters, State
Machines, Address Decoders, etc.
— Small Logic Block Size for Random Logic
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
fmax = 125 MHz Maximum Operating Frequency
tpd = 7.5 ns Propagation Delay
— TTL Compatible Inputs and Outputs
— Electrically Erasable and Reprogrammable
— Non-Volatile
— 100% Tested at Time of Manufacture
— Unused Product Term Shutdown Saves Power
• IN-SYSTEM PROGRAMMABLE
— In-System Programmable (ISP™) 5V Only
— Increased Manufacturing Yields, Reduced Time-to-
Market and Improved Product Quality
— Reprogram Soldered Devices for Faster Prototyping
• OFFERS THE EASE OF USE AND FAST SYSTEM
SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY
OF FIELD PROGRAMMABLE GATE ARRAYS
— Complete Programmable Device Can Combine Glue
Logic and Structured Designs
— Enhanced Pin Locking Capability
— Four Dedicated Clock Input Pins
— Synchronous and Asynchronous Clocks
— Programmable Output Slew Rate Control to
Minimize Switching Noise
— Flexible Pin Placement
— Optimized Global Routing Pool Provides Global
Interconnectivity
— Lead-Free Package Options
Output Routing Pool
Output Routing Pool
D7 D6 D5 D4 D3 D2 D1 D0
B0 B1 B2 B3 B4 B5 B6 B7
A0
A1
A2
A3
A4
A5
A6
A7
C7
C6
C5
C4
C3
C2
C1
C0
CLK
Global Routing Pool (GRP)
0139A(A1)-isp
Logic
Array
DQ
DQ
DQ
DQ
GLB
Description
The ispLSI 1032E is a High Density Programmable Logic
Device containing 192 Registers, 64 Universal I/O pins,
eight Dedicated Input pins, four Dedicated Clock Input
pins and a Global Routing
Pool (GRP). The GRP
provides complete interconnectivity between all of these
elements. The ispLSI 1032E device offers 5V non-vola-
tile in-system programmability of the logic, as well as the
interconnects to provide truly reconfigurable systems. A
functional superset of the ispLSI 1032 architecture, the
ispLSI 1032E device adds two new global output enable
pins.
The basic unit of logic on the ispLSI 1032E device is the
Generic Logic Block (GLB). The GLBs are labeled A0,
A1…D7 (see Figure 1). There are a total of 32 GLBs in the
ispLSI 1032E device. Each GLB has 18 inputs, a pro-
grammable AND/OR/Exclusive OR array, and four outputs
which can be configured to be either combinatorial or
registered. Inputs to the GLB come from the GRP and
dedicated inputs. All of the GLB outputs are brought back
into the GRP so that they can be connected to the inputs
of any GLB on the device.
Copyright © 2006 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
August 2006
Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn