Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6109C14ANL Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6109C14ANL
Description  Voltage Detector with Delay Type Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6109C14ANL Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6109C14ANL Datasheet HTML 1Page - Torex Semiconductor XC6109C14ANL Datasheet HTML 2Page - Torex Semiconductor XC6109C14ANL Datasheet HTML 3Page - Torex Semiconductor XC6109C14ANL Datasheet HTML 4Page - Torex Semiconductor XC6109C14ANL Datasheet HTML 5Page - Torex Semiconductor XC6109C14ANL Datasheet HTML 6Page - Torex Semiconductor XC6109C14ANL Datasheet HTML 7Page - Torex Semiconductor XC6109C14ANL Datasheet HTML 8Page - Torex Semiconductor XC6109C14ANL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
XC6109
Series
SYMBOL
E-1
E-2
PARAMETER
SETTING DETECT
VOLTAGE
DETECT VOLTAGE
(*1)
(V)
OUTPUT CURRENT
(*2)
(mA)
VDF
IOUT2
VDF(T)
MIN.
TYP.
MAX.
MIN.
TYP.
0.8
0.770
0.800
0.830
0.9
0.870
0.900
0.930
1.0
0.970
1.000
1.030
-0.40
-0.20
1.1
1.070
1.100
1.130
1.2
1.170
1.200
1.230
1.3
1.270
1.300
1.330
1.4
1.370
1.400
1.430
-0.60
-0.30
1.5
1.470
1.500
1.530
1.6
1.568
1.600
1.632
1.7
1.666
1.700
1.734
1.8
1.764
1.800
1.836
1.9
1.862
1.900
1.938
-0.80
-0.40
2.0
1.960
2.000
2.040
2.1
2.058
2.100
2.142
2.2
2.156
2.200
2.244
2.3
2.254
2.300
2.346
2.4
2.352
2.400
2.448
2.5
2.450
2.500
2.550
2.6
2.548
2.600
2.652
2.7
2.646
2.700
2.754
2.8
2.744
2.800
2.856
2.9
2.842
2.900
2.958
-1.00
-0.50
3.0
2.940
3.000
3.060
3.1
3.038
3.100
3.162
3.2
3.136
3.200
3.264
3.3
3.234
3.300
3.366
3.4
3.332
3.400
3.468
3.5
3.430
3.500
3.570
3.6
3.528
3.600
3.672
3.7
3.626
3.700
3.774
3.8
3.724
3.800
3.876
3.9
3.822
3.900
3.978
-1.20
-0.60
4.0
3.920
4.000
4.080
4.1
4.018
4.100
4.182
4.2
4.116
4.200
4.284
4.3
4.214
4.300
4.386
4.4
4.321
4.400
4.488
4.5
4.410
4.500
4.590
4.6
4.508
4.600
4.692
4.7
4.606
4.700
4.794
4.8
4.704
4.800
4.896
4.9
4.802
4.900
4.998
5.0
4.900
5.000
5.100
-1.30
-0.65
■VOLTAGE CHART
NOTE:
*1: When VDF(T)≦1.4V, the detection accuracy is ±30mV. When VDF(T)≧1.5V, the detection accuracy is ±2%.
*2: This numerical value is applied only to the XC6109C series (CMOS output).


Similar Part No. - XC6109C14ANL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109C1 TOREX-XC6109C1 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
XC6109C1XXNX TOREX-XC6109C1XXNX Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
More results

Similar Description - XC6109C14ANL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com