Electronic Components Datasheet Search
Selected language     English  β–Ό

Delete All
ON OFF

Advanced Search

              





ISPLSI2032VE Datasheet(PDF) 6 Page - Lattice Semiconductor

Part No. ISPLSI2032VE
Description  3.3V In-System Programmable High Density SuperFASTβ„’ PLD
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 6 page
background image
Specifications ispLSI 2032VE
6
External Timing Parameters
Over Recommended Operating Conditions
tpd1
UNITS
-135
MIN.
TEST
COND.
1. Unless noted otherwise, all parameters use a GRP load of 4, 20 PTXOR path, ORP and Y0 clock.
2. Standard 16-bit counter using GRP feedback.
3. Reference Switching Test Conditions section.
Table 2-0030B/2032VE
v.0.1
1
3
2
1
tsu2 + tco1
(
)
-110
MIN.
MAX.
MAX.
DESCRIPTION
#
PARAMETER
A
1
Data Propagation Delay, 4PT Bypass, ORP Bypass
–
7.5
–
10.0
ns
tpd2
A
2
Data Propagation Delay
–
–
ns
fmax
A
3
Clock Frequency with Internal Feedback
135
–
111
–
MHz
fmax (Ext.)
–
4
Clock Frequency with External Feedback
–
–
MHz
fmax (Tog.)
–
5
Clock Frequency, Max. Toggle
–
–
MHz
tsu1
–
6
GLB Reg. Setup Time before Clock, 4 PT Bypass
–
–
ns
tco1
A
7
GLB Reg. Clock to Output Delay, ORP Bypass
–
–
ns
th1
–
8
GLB Reg. Hold Time after Clock, 4 PT Bypass
0.0
–
ns
tsu2
–
9
GLB Reg. Setup Time before Clock
5.5
–
ns
tco2
A
10
GLB Reg. Clock to Output Delay
–
–
ns
th2
–
11
GLB Reg. Hold Time after Clock
0.0
–
ns
tr1
A
12
Ext. Reset Pin to Output Delay, ORP Bypass
–
–
ns
trw1
–
13
Ext. Reset Pulse Duration
5.0
–
ns
tptoeen
B
14
Input to Output Enable
–
–
ns
tptoedis
C
15
Input to Output Disable
–
–
ns
tgoeen
B
16
Global OE Output Enable
–
–
ns
tgoedis
C
17
Global OE Output Disable
–
–
ns
twh
–
18
External Synchronous Clock Pulse Duration, High
3.0
–
–
ns
twl
–
19
External Synchronous Clock Pulse Duration, Low
3.0
–
–
ns
100
167
4.0
4.5
–
–
5.5
–
9.0
–
12.0
12.0
6.0
6.0
10.0
77.0
125
5.5
0.0
7.5
0.0
6.5
4.0
4.0
13.0
5.0
6.5
12.5
14.5
14.5
7.0
7.0
-180
MIN. MAX.
–
5.0
–
180
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
118
200
3.0
0.0
4.0
0.0
4.0
2.5
2.5
7.5
4.0
5.0
6.0
10.0
10.0
5.0
5.0




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISPLSI1016E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3448In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1032E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1048E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016EA_07In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
LC4032C3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs 1 2 3 4 5 MoreLattice Semiconductor
LTV-355THybrid substrates that require high density mounting Programmable controllers 1 2 3 4 5 MoreLite-On Technology Corporation
PSD813F1VFlash In-System Programmable ISP Peripherals for 8-bit MCUs 3.3V 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl