Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6109N22ANL Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6109N22ANL
Description  Voltage Detector with Delay Type Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6109N22ANL Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6109N22ANL Datasheet HTML 6Page - Torex Semiconductor XC6109N22ANL Datasheet HTML 7Page - Torex Semiconductor XC6109N22ANL Datasheet HTML 8Page - Torex Semiconductor XC6109N22ANL Datasheet HTML 9Page - Torex Semiconductor XC6109N22ANL Datasheet HTML 10Page - Torex Semiconductor XC6109N22ANL Datasheet HTML 11Page - Torex Semiconductor XC6109N22ANL Datasheet HTML 12Page - Torex Semiconductor XC6109N22ANL Datasheet HTML 13Page - Torex Semiconductor XC6109N22ANL Datasheet HTML 14Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10/14
XC6109 Series
XC6109N25AN
-1.0
0.0
1.0
2.0
3.0
4.0
0
0.5
1
1.5
2
2.5
3
Supply Voltage: VIN (V)
Pull-up=VIN R=100kΩ
25℃
-40℃
Ta=85℃
■TYPICAL PERFORMANCE CHARACTERISTICS
XC6109x25AN
2.45
2.50
2.55
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
XC6109x25AN
0.05
0.10
0.15
0.20
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
(1) Supply Current vs. Input Voltage
(2) Detect Voltage vs. Ambient Temperature
(3) Hysteresis Voltage vs. Ambient Temperature
(4) Output Voltage vs. Input Voltage
XC6109C25AN
-1.0
0.0
1.0
2.0
3.0
4.0
0
0.5
1
1.5
2
2.5
3
Input Voltage: VIN (V)
No Pull-up
Ta=85℃
25℃
-40℃
XC6109x25AN
0.0
0.5
1.0
1.5
2.0
012
3456
Input Voltage: VIN (V)
25℃
-40℃
Ta=85℃
Input Voltage: VIN (V)


Similar Part No. - XC6109N22ANL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109N2 TOREX-XC6109N2 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
XC6109N2XXNX TOREX-XC6109N2XXNX Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
More results

Similar Description - XC6109N22ANL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com