Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L491325DIE2V Datasheet(PDF) 11 Page - STMicroelectronics

Part # L491325DIE2V
Description  Rad-hard positive fixed voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L491325DIE2V Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L491325DIE2V Datasheet HTML 7Page - STMicroelectronics L491325DIE2V Datasheet HTML 8Page - STMicroelectronics L491325DIE2V Datasheet HTML 9Page - STMicroelectronics L491325DIE2V Datasheet HTML 10Page - STMicroelectronics L491325DIE2V Datasheet HTML 11Page - STMicroelectronics L491325DIE2V Datasheet HTML 12Page - STMicroelectronics L491325DIE2V Datasheet HTML 13Page - STMicroelectronics L491325DIE2V Datasheet HTML 14Page - STMicroelectronics L491325DIE2V Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
RHFL4913XX15 - RHFLXX25 - RHFLXX33 - RHFLXX50
Notes about Flat-16 package
11/19
7
Notes about Flat-16 package
The bottom of package is metallized to allow user to directly solder the voltage regulator to
the equipment heater, in order to optimize heat removal performance.
7.1
Radiation performances
The RHFL4913F has been tested against: 300krad TID ELDERS in accordance with Mil-
1019.6, bipolar section: post radiation parameters are within datasheet pre-rad limits.
Submitted to 200MeV Iodine ions of 60.4MeV/cm2/mg LET up to 1exp(+7) ions / cm2, no
SEL event has been detected.
7.2
Die information
RHFL4913 fixed is also available in die form. Space dice are electrically tested by
STMicroelectronics in such a way that, when mounted in proper thermal and electrical
substrate, they provide full compliance with equivalent packaged product.
- Max die dimensions: 2.794 mm by 3.861 mm or 110 mils by 152 mils
- Die thickness: 357 µm +/- 50 µm
- Pad size: 184 µm by 184 µm
- Metallization: Aluminum 4% silicon alloy
- Die backside: Bare silicon
- Die backside potential: Ground
(*) Die SENSE pad is active in RHFL4913 fixed die. It shall not be left unbonded. It should be bonded to VO pin.
(**) Die adjust pad is available in the die lay-out but is not electrically connected to the IC. It shall be left
unconnected during hybrid bonding.
Figure 5.
Die size


Similar Part No. - L491325DIE2V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L491325DIE2V STMICROELECTRONICS-L491325DIE2V Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
L491325DIE2V STMICROELECTRONICS-L491325DIE2V Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
More results

Similar Description - L491325DIE2V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_10 Datasheet
273Kb / 19P
   Rad-hard positive fixed voltage regulator
RHFL4913XX25 STMICROELECTRONICS-RHFL4913XX25_V01 Datasheet
1Mb / 20P
   Rad-hard positive fixed voltage regulator
Rev 15 - February 2021
RHFL4913XX15 STMICROELECTRONICS-RHFL4913XX15_V01 Datasheet
1Mb / 32P
   1.5 V rad-hard positive fixed voltage regulator
Rev 1 December 2015
RHFL4913 STMICROELECTRONICS-RHFL4913 Datasheet
185Kb / 11P
   RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
   RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
logo
STMicroelectronics
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com