Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6109N44ANL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6109N44ANL
Description  Voltage Detector with Delay Type Capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6109N44ANL Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6109N44ANL Datasheet HTML 1Page - Torex Semiconductor XC6109N44ANL Datasheet HTML 2Page - Torex Semiconductor XC6109N44ANL Datasheet HTML 3Page - Torex Semiconductor XC6109N44ANL Datasheet HTML 4Page - Torex Semiconductor XC6109N44ANL Datasheet HTML 5Page - Torex Semiconductor XC6109N44ANL Datasheet HTML 6Page - Torex Semiconductor XC6109N44ANL Datasheet HTML 7Page - Torex Semiconductor XC6109N44ANL Datasheet HTML 8Page - Torex Semiconductor XC6109N44ANL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
XC6109 Series
Voltage Detector with External Delay Type Capacitor
■GENERAL DESCRIPTION
The XC6109 series is highly precise, low power consumption voltage detector, manufactured using CMOS and laser trimming
technologies.
With the built-in delay circuit, connecting the delay capacitance pin to the capacitor enables the IC to provide an arbitrary
release delay time.
Using an ultra small package (SSOT-24), the series is suited for high density mounting.
Both CMOS and N-channel open drain output configurations are available.
■APPLICATIONS
●Microprocessor reset circuitry
●Charge voltage monitors
●Memory battery back-up switch circuits
●Power failure detection circuits
■TYPICAL APPLICATION CIRCUIT
■FEATURES
Highly Accurate
: +2%
(Setting Voltage Accuracy>1.5V)
: +30mV
(Setting Voltage Accuracy<1.5V)
Low Power Consumption
: 0.9μA
(TYP., VDF=1.9V, VIN= 2.0V)
Detect Voltage Range
: 0.8V ~ 5.0V
in 100mV increments
Operating Voltage Range
: 0.7V ~ 6.0V
Detect Voltage Temperature Characteristics
: ±100ppm/ OC (TYP.)
Output Configuration
: CMOS or
N-channel open drain
Operating Temperature Range
: -40 OC ~ +85 OC
CMOS
Built-In Delay Circuit, Delay Pin Available
Ultra Small Package
: SSOT-24
■TYPICAL PERFORMANCE
CHARACTERISTICS
●Release Delay Time vs. Delay Capacitance
XC6109xxxAN
0.1
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
Delay Capacitance: Cd (μF)
VIN(MIN.)=0.7V,VIN(MAX.)=6.0V
Tr=5μs, Ta=25℃
ETR0206_005
(No resistor needed for
CMOS output products)
Delay Capacitance: Cd (μF)


Similar Part No. - XC6109N44ANL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109N4 TOREX-XC6109N4 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
XC6109N4XXNX TOREX-XC6109N4XXNX Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
More results

Similar Description - XC6109N44ANL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6109 TOREX-XC6109 Datasheet
369Kb / 13P
   Voltage Detector with External Delay Type Capacitor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
Torex Semiconductor
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com