Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4128ZE7MN48IES Datasheet(PDF) 30 Page - Lattice Semiconductor

Part # LC4128ZE7MN48IES
Description  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4128ZE7MN48IES Datasheet(HTML) 30 Page - Lattice Semiconductor

Back Button LC4128ZE7MN48IES Datasheet HTML 26Page - Lattice Semiconductor LC4128ZE7MN48IES Datasheet HTML 27Page - Lattice Semiconductor LC4128ZE7MN48IES Datasheet HTML 28Page - Lattice Semiconductor LC4128ZE7MN48IES Datasheet HTML 29Page - Lattice Semiconductor LC4128ZE7MN48IES Datasheet HTML 30Page - Lattice Semiconductor LC4128ZE7MN48IES Datasheet HTML 31Page - Lattice Semiconductor LC4128ZE7MN48IES Datasheet HTML 32Page - Lattice Semiconductor LC4128ZE7MN48IES Datasheet HTML 33Page - Lattice Semiconductor LC4128ZE7MN48IES Datasheet HTML 34Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
Lattice Semiconductor
ispMACH 4000ZE Family Data Sheet
30
Boundary Scan Waveforms and Timing Specifications
Symbol
Parameter
Min.
Max.
Units
tBTCP
TCK [BSCAN test] clock cycle
40
ns
tBTCH
TCK [BSCAN test] pulse width high
20
ns
tBTCL
TCK [BSCAN test] pulse width low
20
ns
tBTSU
TCK [BSCAN test] setup time
8
ns
tBTH
TCK [BSCAN test] hold time
10
ns
tBRF
TCK [BSCAN test] rise and fall time
50
mV/ns
tBTCO
TAP controller falling edge of clock to valid output
10
ns
tBTOZ
TAP controller falling edge of clock to data output disable
10
ns
tBTVO
TAP controller falling edge of clock to data output enable
10
ns
tBTCPSU
BSCAN test Capture register setup time
8
ns
tBTCPH
BSCAN test Capture register hold time
10
ns
tBTUCO
BSCAN test Update reg, falling edge of clock to valid output
25
ns
tBTUOZ
BSCAN test Update reg, falling edge of clock to output disable
25
ns
tBTUOV
BSCAN test Update reg, falling edge of clock to output enable
25
ns


Similar Part No. - LC4128ZE7MN48IES

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4128ZC-42M132C LATTICE-LC4128ZC-42M132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128ZC-42M132C1 LATTICE-LC4128ZC-42M132C1 Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4128ZC-42MN132C LATTICE-LC4128ZC-42MN132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128ZC-42T100C LATTICE-LC4128ZC-42T100C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4128ZC-42T100C LATTICE-LC4128ZC-42T100C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4128ZE7MN48IES

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com