Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5F208I Datasheet(PDF) 14 Page - Lattice Semiconductor

Part # LC5512MC-5F208I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5F208I Datasheet(HTML) 14 Page - Lattice Semiconductor

Back Button LC5512MC-5F208I Datasheet HTML 10Page - Lattice Semiconductor LC5512MC-5F208I Datasheet HTML 11Page - Lattice Semiconductor LC5512MC-5F208I Datasheet HTML 12Page - Lattice Semiconductor LC5512MC-5F208I Datasheet HTML 13Page - Lattice Semiconductor LC5512MC-5F208I Datasheet HTML 14Page - Lattice Semiconductor LC5512MC-5F208I Datasheet HTML 15Page - Lattice Semiconductor LC5512MC-5F208I Datasheet HTML 16Page - Lattice Semiconductor LC5512MC-5F208I Datasheet HTML 17Page - Lattice Semiconductor LC5512MC-5F208I Datasheet HTML 18Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
14
CAM Mode
In CAM Mode the multi-function array is configured as a Ternary Content Addressable Memory (CAM). CAM
behaves like a reverse memory where the input is data and the output is an address. It can be used to perform a
variety of high-performance look-up functions. As such, CAM has two modes of operation. In write or update mode
the CAM behaves as a RAM and data is written to the supplied address. In read or compare operations data is sup-
plied to the CAM and if this matches any of the data in the array the Match and Multiple Match (if there is more than
one match) flags are set to true and the lowest address with matching data is output. The CAM contains 128
entries of 48 bits. Figure 13 shows the block diagram of the CAM.
To further enhance the flexibility of the CAM a mask register is available. If enabled during updates, bits corre-
sponding with those set to 1 in the mask register are not updated. If enabled during compare operations, bits corre-
sponding to those set to 1 in the mask register are not included in the compare. A write don’t care signal allows
don’t cares to be programmed into the CAM if desired. Like other write operations the mask register controls this.
The write/comp data, write address, write enable, write chip select, and write don’t care signals are synchronous.
The CAM Output signals, match flag, and multimatch flag can be synchronous or asynchronous. The Enable mask
register input is not latched but must meet setup and hold times relative to the write clock. All inputs must use the
same clock and clock enable signals. All outputs must use the same clock and clock enable signals. Reset is com-
mon for both inputs and outputs. Table 9 shows the allowable sources for clock, clock enable, and reset for the var-
ious CAM registers.
Figure 13. CAM Mode
Table 9. Register Clocks, Clock Enables, and Initialization in CAM Mode
Register
Input
Source
Write data, Write address,
Enable mask register, Write
enable, write chip select, and
write don’t care, CAM Output,
Match, and Multimatch
Clock
CLK or one of the global clocks (CLK0 - CLK3). Each of these signals can
be inverted if required.
Clock Enable
WE or one of the global clocks (CLK1 - CLK 2). Each of these signals can
be inverted if required.
Reset
Created by the logical OR of the global reset signal and RST. RST is routed
by the multifunction array from GRP, with inversion if desired
68 Inputs
From
Routing
Write Enable (WE)
En Mask Reg (EN_MASK)
Reset (RST)
Write Chip Sel (WCS[0:1])
CLK (CLK)
Clock Enable (CE)
Write/Comp Data
(WD[0:31])
128X48
CAM
Write Address
(WAD[0:6])
WR Mask Reg (WR_MASK)
WR don t care (WR_DC)
RESET
CLK0
CLK3
CLK1
CLK2
CAM
Output
CO[0:6]
Match
Out
MATCH
Multi-
match
Out
MUL_MATCH


Similar Part No. - LC5512MC-5F208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5F208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com