Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA323W Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA323W
Description  2.1-channel high-efficiency digital audio system
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA323W Datasheet(HTML) 1 Page - STMicroelectronics

  STA323W Datasheet HTML 1Page - STMicroelectronics STA323W Datasheet HTML 2Page - STMicroelectronics STA323W Datasheet HTML 3Page - STMicroelectronics STA323W Datasheet HTML 4Page - STMicroelectronics STA323W Datasheet HTML 5Page - STMicroelectronics STA323W Datasheet HTML 6Page - STMicroelectronics STA323W Datasheet HTML 7Page - STMicroelectronics STA323W Datasheet HTML 8Page - STMicroelectronics STA323W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
May 2008
Rev 6
1/77
1
STA323W
2.1-channel high-efficiency digital audio system
Features
! Wide supply voltage range (10 V - 36 V)
! Three power output configurations
– 2 x10W + 1 x20W
–2 x 20 W
–1 x 40 W
! Thermal protection
! Under-voltage protection
! Short-circuit protection
! PowerSO-36 slug down package
! 2.1 channels of 24-bit DDX®
! 100-dB SNR and dynamic range
! 32 kHz to 192 kHz input sample rates
! Digital gain/attenuation +48 dB to -80 dB in
0.5-dB steps
! Four 28-bit user programmable biquads (EQ)
per channel
! I2C control
! 2-channel I2S input data interface
! Individual channel and master gain/attenuation
! Individual channel and master soft and hard
mute
! Individual channel volume and EQ bypass
! DDX® POP free operation
! Bass/treble tone control
! Dual independent programmable
limiters/compressors
! AutoModes™ settings for:
– 32 preset EQ curves
– 15 preset crossover settings
– Auto volume controlled loudness
– 3 preset volume curves
– 2 preset anti-clipping modes
– Preset night-time listening mode
– Preset TV AGC
! Input and output channel mapping
! AM noise-reduction and PWM frequency
shifting modes
! Soft volume update and muting
! Auto zero detect and invalid input detect
muting selectable DDX® ternary or binary
PWM output plus variable PWM speeds
! Selectable de-emphasis
! Post-EQ user programmable mix with default
2.1 bass-management settings
! Variable max power correction for lower
full-power THD
! Four output routing configurations
! Selectable clock input ratio
! 96 kHz internal processing sample rate, 24 to
28-bit precision
! Video application supports 576 * fs input mode
Table 1.
Device summary
Order code
Package
STA323W
PowerSO-36 (slug down)
STA323W13TR
PowerSO-36 in tape & reel
PowerSO-36
(slug down)
www.st.com


Similar Part No. - STA323W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W Datasheet
811Kb / 71P
   2.1 high efficiency digital audio system
STA323W13TR STMICROELECTRONICS-STA323W13TR Datasheet
811Kb / 71P
   2.1 high efficiency digital audio system
STA323WQS STMICROELECTRONICS-STA323WQS Datasheet
1Mb / 78P
   2.1-channel high-efficiency digital audio system with QSound QHD짰
STA323WQS13TR STMICROELECTRONICS-STA323WQS13TR Datasheet
1Mb / 78P
   2.1-channel high-efficiency digital audio system with QSound QHD짰
More results

Similar Description - STA323W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
   2.1-channel high-efficiency digital audio system
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
   2.1-channel high-efficiency digital audio system
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
   2.1-channel high-efficiency digital audio system
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
   2.1-channel high-efficiency digital audio system
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
   2.1 high efficiency digital audio system
STA335BW STMICROELECTRONICS-STA335BW Datasheet
604Kb / 54P
   2.1 channels high efficiency digital audio system
STA382BW STMICROELECTRONICS-STA382BW Datasheet
3Mb / 172P
   Sound Terminal짰 2.1-channel high-efficiency digital audio system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com