Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



LC4256C-5F256AC1 Datasheet(HTML) 72 Page - Lattice Semiconductor

Part No. LC4256C-5F256AC1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

LC4256C-5F256AC1 Datasheet(HTML) 72 Page - Lattice Semiconductor

Zoom Inzoom in Zoom Outzoom out
 72 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
72
E7
0
NC
-
B1
B^1
F8
F^4
D12
D^3
A3
0
B0
B^0
B2
B^2
B0
B^0
B0
B^0
F7
0
B2
B^1
B4
B^3
B2
B^1
B2
B^1
B4
0
B4
B^2
B6
B^4
B4
B^2
B4
B^2
C5
0
B6
B^3
B8
B^5
B6
B^3
B6
B^3
A2
0
B8
B^4
B9
B^6
B8
B^4
B8
B^4
E6
0
B10
B^5
B10
B^7
B10
B^5
B10
B^5
B3
0
B12
B^6
B12
B^8
B12
B^6
B12
B^6
C4
0
B14
B^7
B14
B^9
B14
B^7
B14
B^7
D4
0
NC
-
NC
-
D10
D^5
F0
F^0
E5
0
NC
-
NC
-
D8
D^4
F2
F^1
-
-
VCC
-
VCC
-
VCC
-
VCC
-
-
-
----
GND
-
GND
-
-
0
-
-
-
-
GND (Bank 0)
-
GND (Bank 0)
-
Note: VCC, VCCO and GND are tied together to their respective common signal on the package substrate. See Power Supply and NC Con-
nections table for VCC/ VCCO/GND pin definitions.
ispMACH 4256V/B/C, 4384V/B/C, 4512V/B/C Logic Signal Connections:
256-Ball ftBGA/fpBGA (Cont.)
Ball
Number
I/O
Bank
ispMACH 4256V/B/C
128-I/O
ispMACH 4256V/B/C
160-I/O
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn