Electronic Components Datasheet Search
Selected language     English  â–¼
Advanced Search

              



Part Name


LC4512C-75T176C Datasheet(PDF) 4 Page - Lattice Semiconductor

Part No. LC4512C-75T176C
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 
 4 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
4
Figure 2. Generic Logic Block
AND Array
The programmable AND Array consists of 36 inputs and 83 output product terms. The 36 inputs from the GRP are
used to form 72 lines in the AND Array (true and complement of the inputs). Each line in the array can be con-
nected to any of the 83 output product terms via a wired-AND. Each of the 80 logic product terms feed the logic
allocator with the remaining three control product terms feeding the Shared PT Clock, Shared PT Initialization and
Shared PT OE. The Shared PT Clock and Shared PT Initialization signals can optionally be inverted before being
fed to the macrocells.
Every set of five product terms from the 80 logic product terms forms a product term cluster starting with PT0.
There is one product term cluster for every macrocell in the GLB. Figure 3 is a graphical representation of the AND
Array.
36 Inputs
from GRP
To GRP
To
Product Term
Output Enable
Sharing
1+OE
Clock
Generator
1+OE
1+OE
1+OE
1+OE
1+OE
1+OE
1+OE




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC4032C3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2192VE_043.3V In-System Programmable SuperFAST™ High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3256EIn-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_02In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1016E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI3448In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1032E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1048E_06In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI2032VE_063.3V In-System Programmable High Density SuperFAST™ PLD 1 2 3 4 5 MoreLattice Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl