Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4128ZE7MN144CES Datasheet(PDF) 41 Page - Lattice Semiconductor

Part # LC4128ZE7MN144CES
Description  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4128ZE7MN144CES Datasheet(HTML) 41 Page - Lattice Semiconductor

Back Button LC4128ZE7MN144CES Datasheet HTML 37Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 38Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 39Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 40Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 41Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 42Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 43Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 44Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 45Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
Lattice Semiconductor
ispMACH 4000ZE Family Data Sheet
41
42
1
C1
E2
I6
43
1
C2
E4
I10
44
1
C3
E6
I12
45
1
VCCO (Bank 1)
VCCO (Bank 1)
VCCO (Bank 1)
46
1
GND (Bank 1)
GND (Bank 1)
GND (Bank 1)
47
1
C4
E8
J2
48
1
C5
E10
J6
49
1
C6
E12
J10
50
1
C7
E14
J12
51
-
GND
GND
GND
52
-
TMS
TMS
TMS
53
1
C8
F0
K12
54
1
C9
F2
K10
55
1
C10
F4
K6
56
1
C11
F6
K2
57
1
GND (Bank 1)
GND (Bank 1)
GND (Bank 1)
58
1
C12
F8
L12
59
1
C13
F10
L10
60
1
C14
F12
L6
61
1
C15
F13
L4
62*
1
I
I
I
63
1
VCCO (Bank 1)
VCCO (Bank 1)
VCCO (Bank 1)
64
1
D15
G14
M4
65
1
D14
G12
M6
66
1
D13
G10
M10
67
1
D12
G8
M12
68
1
GND (Bank 1)
GND (Bank 1)
GND (Bank 1)
69
1
D11
G6
N2
70
1
D10
G5
N6
71
1
D9
G4
N10
72
1
D8
G2
N12
73*
1
I
I
I
74
-
TDO
TDO
TDO
75
-
VCC
VCC
VCC
76
-
GND
GND
GND
77*
1
I
I
I
78
1
D7
H13
O12
79
1
D6
H12
O10
80
1
D5
H10
O6
81
1
D4
H8
O2
82
1
GND (Bank 1)
GND (Bank 1)
GND (Bank 1)
ispMACH 4064ZE, 4128ZE and 4256ZE Logic Signal Connections:
100 TQFP (Cont.)
Pin
Number
Bank
Number
LC4064ZE
LC4128ZE
LC4256ZE
GLB/MC/Pad
GLB/MC/Pad
GLB/MC/Pad


Similar Part No. - LC4128ZE7MN144CES

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4128ZC-42M132C LATTICE-LC4128ZC-42M132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128ZC-42M132C1 LATTICE-LC4128ZC-42M132C1 Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4128ZC-42MN132C LATTICE-LC4128ZC-42MN132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128ZC-42T100C LATTICE-LC4128ZC-42T100C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4128ZC-42T100C LATTICE-LC4128ZC-42T100C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4128ZE7MN144CES

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com