Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4128ZE7MN144CES Datasheet(PDF) 24 Page - Lattice Semiconductor

Part # LC4128ZE7MN144CES
Description  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4128ZE7MN144CES Datasheet(HTML) 24 Page - Lattice Semiconductor

Back Button LC4128ZE7MN144CES Datasheet HTML 20Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 21Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 22Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 23Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 24Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 25Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 26Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 27Page - Lattice Semiconductor LC4128ZE7MN144CES Datasheet HTML 28Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Lattice Semiconductor
ispMACH 4000ZE Family Data Sheet
24
ispMACH 4000ZE Internal Timing Parameters
Over Recommended Operating Conditions
Parameter
Description
LC4032ZE
LC4064ZE
Units
-4
-4
Min.
Max.
Min.
Max.
In/Out Delays
tIN
Input Buffer Delay
0.85
0.90
ns
tGCLK_IN
Global Clock Input Buffer Delay
1.60
1.60
ns
tGOE
Global OE Pin Delay
2.25
2.25
ns
tBUF
Delay through Output Buffer
0.75
0.90
ns
tEN
Output Enable Time
2.25
2.25
ns
tDIS
Output Disable Time
1.35
1.35
ns
tPGSU
Input Power Guard Setup Time
3.30
3.55
ns
tPGH
Input Power Guard Hold Time
0.00
0.00
ns
tPGPW
Input Power Guard BIE Minimum Pulse Width
5.00
5.00
ns
tPGRT
Input Power Guard Recovery Time Following BIE
Dissertation
5.00
5.00
ns
Routing Delays
tROUTE
Delay through GRP
1.60
1.70
ns
tPDi
Macrocell Propagation Delay
0.25
0.25
ns
tMCELL
Macrocell Delay
0.65
0.65
ns
tINREG
Input Buffer to Macrocell Register Delay
0.90
1.00
ns
tFBK
Internal Feedback Delay
0.55
0.55
ns
tORP
Output Routing Pool Delay
0.30
0.30
ns
Register/Latch Delays
tS
D-Register Setup Time (Global Clock)
0.70
0.85
ns
tS_PT
D-Register Setup Time (Product Term Clock)
1.25
1.85
ns
tH
D-Register Hold Time
1.50
1.65
ns
tST
T-Register Setup Time (Global Clock)
0.90
1.05
ns
tST_PT
T-register Setup Time (Product Term Clock)
1.45
1.65
ns
tHT
T-Resister Hold Time
1.50
1.65
ns
tSIR
D-Input Register Setup Time (Global Clock)
0.85
0.80
ns
tSIR_PT
D-Input Register Setup Time (Product Term Clock)
1.45
1.45
ns
tHIR
D-Input Register Hold Time (Global Clock)
1.15
1.30
ns
tHIR_PT
D-Input Register Hold Time (Product Term Clock)
0.90
1.10
ns
tCOi
Register Clock to Output/Feedback MUX Time
0.35
0.40
ns
tCES
Clock Enable Setup Time
1.00
2.00
ns
tCEH
Clock Enable Hold Time
0.00
0.00
ns
tSL
Latch Setup Time (Global Clock)
0.70
0.95
ns
tSL_PT
Latch Setup Time (Product Term Clock)
1.45
1.85
ns
tHL
Latch Hold Time
1.40
1.80
ns
tGOi
Latch Gate to Output/Feedback MUX Time
0.40
0.35
ns
tPDLi
Propagation Delay through Transparent Latch to Output/
Feedback MUX
0.30
0.25
ns
tSRi
Asynchronous Reset or Set to Output/Feedback MUX
Delay
0.30
0.30
ns


Similar Part No. - LC4128ZE7MN144CES

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4128ZC-42M132C LATTICE-LC4128ZC-42M132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128ZC-42M132C1 LATTICE-LC4128ZC-42M132C1 Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4128ZC-42MN132C LATTICE-LC4128ZC-42MN132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128ZC-42T100C LATTICE-LC4128ZC-42T100C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4128ZC-42T100C LATTICE-LC4128ZC-42T100C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4128ZE7MN144CES

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com