Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256ZE7MN144CES Datasheet(PDF) 25 Page - Lattice Semiconductor

Part # LC4256ZE7MN144CES
Description  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256ZE7MN144CES Datasheet(HTML) 25 Page - Lattice Semiconductor

Back Button LC4256ZE7MN144CES Datasheet HTML 21Page - Lattice Semiconductor LC4256ZE7MN144CES Datasheet HTML 22Page - Lattice Semiconductor LC4256ZE7MN144CES Datasheet HTML 23Page - Lattice Semiconductor LC4256ZE7MN144CES Datasheet HTML 24Page - Lattice Semiconductor LC4256ZE7MN144CES Datasheet HTML 25Page - Lattice Semiconductor LC4256ZE7MN144CES Datasheet HTML 26Page - Lattice Semiconductor LC4256ZE7MN144CES Datasheet HTML 27Page - Lattice Semiconductor LC4256ZE7MN144CES Datasheet HTML 28Page - Lattice Semiconductor LC4256ZE7MN144CES Datasheet HTML 29Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
Lattice Semiconductor
ispMACH 4000ZE Family Data Sheet
25
tSRR
Asynchronous Reset or Set Recovery Delay
2.00
1.70
ns
Control Delays
tBCLK
GLB PT Clock Delay
1.20
1.30
ns
tPTCLK
Macrocell PT Clock Delay
1.40
1.50
ns
tBSR
Block PT Set/Reset Delay
1.10
1.85
ns
tPTSR
Macrocell PT Set/Reset Delay
1.20
1.90
ns
tBIE
Power Guard Block Input Enable Delay
1.60
1.70
ns
tPTOE
Macrocell PT OE Delay
2.30
3.15
ns
tGPTOE
Global PT OE Delay
1.80
2.15
ns
Internal Oscillator
tOSCSU
Oscillator DYNOSCDIS Setup Time
5.00
5.00
ns
tOSCH
Oscillator DYNOSCDIS Hold Time
5.00
5.00
ns
tOSCEN
Oscillator OSCOUT Enable Time (To Stable)
5.00
5.00
ns
tOSCOD
Oscillator Output Delay
4.00
4.00
ns
tOSCNOM
Oscillator OSCOUT Nominal Frequency
5.00
5.00
MHz
tOSCvar
Oscillator Variation of Nominal Frequency
30
30
%
tTMRCO20
Oscillator TIMEROUT Clock (Negative Edge) to Out
(20-Bit Divider)
12.50
12.50
ns
tTMRCO10
Oscillator TIMEROUT Clock (Negative Edge) to Out
(10-Bit Divider)
7.50
7.50
ns
tTMRCO7
Oscillator TIMEROUT Clock (Negative Edge) to Out
(7-Bit Divider)
6.00
6.00
ns
tTMRRSTO
Oscillator TIMEROUT Reset to Out (Going Low)
5.00
5.00
ns
tTMRRR
Oscillator TIMEROUT Asynchronous Reset Recovery
Delay
4.00
4.00
ns
tTMRRSTPW
Oscillator TIMEROUT Reset Minimum Pulse Width
3.00
3.00
ns
Optional Delay Adjusters
Base Parameter
tINDIO
Input Register Delay
tINREG
1.00
1.00
ns
tEXP
Product Term Expander Delay
tMCELL
0.40
0.40
ns
tBLA
Additional Block Loading Adders
tROUTE
0.04
0.05
ns
tIOI Input Buffer Delays
LVTTL_in
Using LVTTL standard
tIN, tGCLK_IN, tGOE
0.60
0.60
ns
LVCMOS15_in
Using LVCMOS 1.5 Standard
tIN, tGCLK_IN, tGOE
0.20
0.20
ns
LVCMOS18_in
Using LVCMOS 1.8 Standard
tIN, tGCLK_IN, tGOE
0.00
0.00
ns
LVCMOS25_in
Using LVCMOS 2.5 Standard with
Hysteresis
tIN, tGCLK_IN, tGOE
0.80
0.80
ns
LVCMOS33_in
Using LVCMOS 3.3 Standard with
Hysteresis
tIN, tGCLK_IN, tGOE
0.80
0.80
ns
PCI_in
Using PCI Compatible Input with
Hysteresis
tIN, tGCLK_IN, tGOE
0.80
0.80
ns
tIOO Output Buffer Delays
LVTTL_out
Output Configured as TTL Buffer
tEN, tDIS, tBUF
0.20
0.20
ns
LVCMOS15_out
Output Configured as 1.5V Buffer
tEN, tDIS, tBUF
0.20
0.20
ns
ispMACH 4000ZE Internal Timing Parameters (Cont.)
Over Recommended Operating Conditions
Parameter
Description
LC4032ZE
LC4064ZE
Units
-4
-4
Min.
Max.
Min.
Max.


Similar Part No. - LC4256ZE7MN144CES

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256ZC-45M132C LATTICE-LC4256ZC-45M132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256ZC-45M132C1 LATTICE-LC4256ZC-45M132C1 Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4256ZC-45MN132C LATTICE-LC4256ZC-45MN132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256ZC-45T100C LATTICE-LC4256ZC-45T100C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4256ZC-45T100C LATTICE-LC4256ZC-45T100C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256ZE7MN144CES

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com