Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256C-5F256AI1 Datasheet(PDF) 52 Page - Lattice Semiconductor

Part # LC4256C-5F256AI1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256C-5F256AI1 Datasheet(HTML) 52 Page - Lattice Semiconductor

Back Button LC4256C-5F256AI1 Datasheet HTML 48Page - Lattice Semiconductor LC4256C-5F256AI1 Datasheet HTML 49Page - Lattice Semiconductor LC4256C-5F256AI1 Datasheet HTML 50Page - Lattice Semiconductor LC4256C-5F256AI1 Datasheet HTML 51Page - Lattice Semiconductor LC4256C-5F256AI1 Datasheet HTML 52Page - Lattice Semiconductor LC4256C-5F256AI1 Datasheet HTML 53Page - Lattice Semiconductor LC4256C-5F256AI1 Datasheet HTML 54Page - Lattice Semiconductor LC4256C-5F256AI1 Datasheet HTML 55Page - Lattice Semiconductor LC4256C-5F256AI1 Datasheet HTML 56Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
52
19
0
C13
C^10
20
0
C12
C^9
21
0
C10
C^8
22
0
C9
C^7
23
0
C8
C^6
24
0
GND (Bank 0)
-
25
0
C6
C^5
26
0
C5
C^4
27
0
C4
C^3
28
0
C2
C^2
29
0
C0
C^0
30
0
VCCO (Bank 0)
-
31
0
TCK
-
32
0
VCC
-
33
0
GND
-
34
0
D14
D^11
35
0
D13
D^10
36
0
D12
D^9
37
0
D10
D^8
38
0
D9
D^7
39
0
D8
D^6
40
0
GND (Bank 0)
-
41
0
VCCO (Bank 0)
-
42
0
D6
D^5
43
0
D5
D^4
44
0
D4
D^3
45
0
D2
D^2
46
0
D1
D^1
47
0
D0
D^0
48
0
CLK1/I
-
49
1
GND (Bank 1)
-
50
1
CLK2/I
-
51
1
VCC
-
52
1
E0
E^0
53
1
E1
E^1
54
1
E2
E^2
55
1
E4
E^3
56
1
E5
E^4
57
1
E6
E^5
58
1
VCCO (Bank 1)
-
59
1
GND (Bank 1)
-
60
1
E8
E^6
61
1
E9
E^7
ispMACH 4128V/B/C Logic Signal Connections: 128-Pin TQFP (Cont.)
Pin Number
Bank Number
ispMACH 4128V/B/C
GLB/MC/Pad
ORP


Similar Part No. - LC4256C-5F256AI1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256C-5F256AI LATTICE-LC4256C-5F256AI Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256C-5F256AI1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com