Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-75Q208I Datasheet(PDF) 73 Page - Lattice Semiconductor

Part # LC5512MC-75Q208I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-75Q208I Datasheet(HTML) 73 Page - Lattice Semiconductor

Back Button LC5512MC-75Q208I Datasheet HTML 69Page - Lattice Semiconductor LC5512MC-75Q208I Datasheet HTML 70Page - Lattice Semiconductor LC5512MC-75Q208I Datasheet HTML 71Page - Lattice Semiconductor LC5512MC-75Q208I Datasheet HTML 72Page - Lattice Semiconductor LC5512MC-75Q208I Datasheet HTML 73Page - Lattice Semiconductor LC5512MC-75Q208I Datasheet HTML 74Page - Lattice Semiconductor LC5512MC-75Q208I Datasheet HTML 75Page - Lattice Semiconductor LC5512MC-75Q208I Datasheet HTML 76Page - Lattice Semiconductor LC5512MC-75Q208I Datasheet HTML 77Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
73
-
-
VCC
-
-
-
VCC
VCC
0
109P
Q28
Q30
S30
Q29
A7
C11
-
-
GND
-
-
-
GND
GND
0
110N
Q26
Q29
S29
Q27
D7
B11
0
110P
Q24
Q28
S28
Q25
C7
A11
0
111N
Q22
Q27
S27
Q23
B6
F11
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
111P
Q20
Q26
S26
Q21
E7
F10
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
112N
Q18
Q25
S25
Q19
E6
E10
0
112P
Q16
Q24
S24
Q17
A6
C10
0
113N
Q14/VREF0
Q3
S3
Q15
A5
D10
0
113P
Q12
Q2
S2
Q13
A4
B10
0
114N
Q10
Q23
S23
Q11
B5
A10
0
114P
Q8
Q22
S22
Q9
A3
A9
0
115N
Q6
Q21
S21
Q7
B4
C9
0
115P
Q4
Q20
S20
Q5
B3
D9
0
116N
Q2
Q19
S19
Q3
C5
F9
0
116P
Q0
Q18
S18
Q1
C6
E9
0
117N
R30
Q1
S1
R31
D5
A8
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
117P
R28
Q0
S0
R29
D6
B8
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
118N
R26
S29
-
R27
A7
0
118P
R24
S28
-
R25
B7
0
119N
R22
S27
-
R23
A5
0
119P
R20
S26
-
R21
B5
0
120N
R18
S25
-
R19
B6
0
120P
R16
S24
-
R17
C7
0
121N
R14
S23
-
R15
E8
0
121P
R12
S22
-
R13
E7
0
122N
R10
S21
-
R11
E6
-
-
VCC
-
-
-
VCC
VCC
0
122P
R8
S20
-
R9
D6
-
-
GND
-
-
-
GND
GND
0
123N
R6
S19
-
R7
D8
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
123P
R4
S18
-
R5
F8
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
124N
R2
S17
-
R3
F7
0
124P
R0
S16
-
R1
D7
0
125N
S30
S15
-
S31
A2
C6
0
125P
S28
S14
-
S29
B2
C5
ispXPLD 5768MX Logic Signal Connections (Continued)
sysIO Bank LVDS Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Inputs
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1
Macrocell 2


Similar Part No. - LC5512MC-75Q208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-75Q208C LATTICE-LC5512MC-75Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-75Q208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com