Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4128ZE7TN48C Datasheet(PDF) 54 Page - Lattice Semiconductor

Part # LC4128ZE7TN48C
Description  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4128ZE7TN48C Datasheet(HTML) 54 Page - Lattice Semiconductor

Back Button LC4128ZE7TN48C Datasheet HTML 46Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 47Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 48Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 49Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 50Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 51Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 52Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 53Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 54Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 54 / 54 page
background image
Lattice Semiconductor
ispMACH 4000ZE Family Data Sheet
54
Revision History
Date
Version
Change Summary
April 2008
01.0
Initial release.
July 2008
01.1
Updated Features bullets.
Updated typical Hysteresis voltage.
Updated Power Guard for Dedicated Inputs section.
Updated DC Electrical Characteristics table.
Updated Supply Current table.
Updated I/O DC Electrical Characteristics table and note 2.
Updated ispMACH 4000ZE Timing Model.
Added new parameters for the Internal Oscillator.
Updated ORP Reference table.
Updated Power Supply and NC Connections table.
Updated 100 TQFP Logic Signal Connections table with LC4128ZE and 4256ZE.
Updated 144 csBGA Logic Signal Connections table with LC4128ZE and 4256ZE.
Added 144 TQFP Logic Signal Connections table.
August 2008
01.2
Data sheet status changed from advance to final.
Updated Supply Current table.
Updated External Switching Characteristics.
Updated Internal Timing Parameters.
Updated Power Consumption graph and Power Estimation Coefficients table.
Updated Ordering Information mark format example.


Similar Part No. - LC4128ZE7TN48C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4128ZC-42M132C LATTICE-LC4128ZC-42M132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128ZC-42M132C1 LATTICE-LC4128ZC-42M132C1 Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4128ZC-42MN132C LATTICE-LC4128ZC-42MN132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128ZC-42T100C LATTICE-LC4128ZC-42T100C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4128ZC-42T100C LATTICE-LC4128ZC-42T100C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4128ZE7TN48C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com