Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4128ZE7TN48C Datasheet(PDF) 21 Page - Lattice Semiconductor

Part # LC4128ZE7TN48C
Description  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4128ZE7TN48C Datasheet(HTML) 21 Page - Lattice Semiconductor

Back Button LC4128ZE7TN48C Datasheet HTML 17Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 18Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 19Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 20Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 21Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 22Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 23Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 24Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
Lattice Semiconductor
ispMACH 4000ZE Family Data Sheet
21
I/O DC Electrical Characteristics
Over Recommended Operating Conditions
Standard
VIL
VIH
VOL
Max (V)
VOH
Min (V)
IOL
1
(mA)
IOH
1
(mA)
Min (V)
Max (V)
Min (V)
Max (V)
LVTTL
-0.3
0.80
2.0
5.5
0.40
VCCO - 0.40
8.0
-4.0
0.20
VCCO - 0.20
0.1
-0.1
LVCMOS 3.3
-0.3
0.80
2.0
5.5
0.40
VCCO - 0.40
8.0
-4.0
0.20
VCCO - 0.20
0.1
-0.1
LVCMOS 2.5
-0.3
0.70
1.70
3.6
0.40
VCCO - 0.40
8.0
-4.0
0.20
VCCO - 0.20
0.1
-0.1
LVCMOS 1.8
-0.3
0.35 * VCC
0.65 * VCC
3.6
0.40
VCCO - 0.45
2.0
-2.0
0.20
VCCO - 0.20
0.1
-0.1
LVCMOS 1.5
2
-0.3
0.35 * VCC
0.65 * VCC
3.6
0.40
VCCO - 0.45
2.0
-2.0
0.20
VCCO - 0.20
0.1
-0.1
PCI 3.3
-0.3
0.3 * 3.3 * (VCC / 1.8) 0.5 * 3.3 * (VCC / 1.8)
5.5
0.1 VCCO
0.9 VCCO
1.5
-0.5
1. The average DC current drawn by I/Os between adjacent bank GND connections, or between the last GND in an I/O bank and the end of
the I/O bank, as shown in the logic signals connection table, shall not exceed n*8mA. Where n is the number of I/Os between bank GND
connections or between the last GND in a bank and the end of a bank.
2. For 1.5V inputs, there may be an additional DC current drawn from VCC, if the ispMACH 4000ZE VCC and the VCC of the driving device
(VCCd-d; that determines steady state VIH) are in the extreme range of their specifications. Typically, DC current drawn from VCC will be
2µA per input.
VO Output Voltage (V)
0
0
10
20
30
40
50
60
2.0
1.5
1.0
0.5
1.8V VCCO
IOH
IOL


Similar Part No. - LC4128ZE7TN48C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4128ZC-42M132C LATTICE-LC4128ZC-42M132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128ZC-42M132C1 LATTICE-LC4128ZC-42M132C1 Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4128ZC-42MN132C LATTICE-LC4128ZC-42MN132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128ZC-42T100C LATTICE-LC4128ZC-42T100C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4128ZC-42T100C LATTICE-LC4128ZC-42T100C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4128ZE7TN48C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com