Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4128ZE7TN48C Datasheet(PDF) 23 Page - Lattice Semiconductor

Part # LC4128ZE7TN48C
Description  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4128ZE7TN48C Datasheet(HTML) 23 Page - Lattice Semiconductor

Back Button LC4128ZE7TN48C Datasheet HTML 19Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 20Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 21Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 22Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 23Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 24Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 25Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 26Page - Lattice Semiconductor LC4128ZE7TN48C Datasheet HTML 27Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
Lattice Semiconductor
ispMACH 4000ZE Family Data Sheet
23
Timing Model
The task of determining the timing through the ispMACH 4000ZE family, like any CPLD, is relatively simple. The
timing model provided in Figure 16 shows the specific delay paths. Once the implementation of a given function is
determined either conceptually or from the software report file, the delay path of the function can easily be deter-
mined from the timing model. The Lattice design tools report the timing delays based on the same timing model for
a particular design. Note that the internal timing parameters are given for reference only, and are not tested. The
external timing parameters are tested and guaranteed for every device. For more information on the timing model
and usage, please refer to technical note TN1168, ispMACH 4000ZE Timing Model Design and Usage Guidelines.
Figure 16. ispMACH 4000ZE Timing Model
DATA
MC Reg.
C.E.
S/R
Q
SCLK
IN
OE
In/Out
Delays
Oscillator/ Timer
Delays
In/Out
Delays
Control
Delays
Register/Latch
Delays
Routing/GLB Delays
Out
Note: Italicized items are optional delay adders.
tFBK
Feedback
Feedback
From
Feedback
tBUF
tMCELL
tPTCLK
tBCLK
tPTSR
tBIE
tBSR
tGPTOE
tPTOE
tEXP
tROUTE
tOSCDIS
tOSCEN
tOSCOD
tBLA
tINREG
tINDIO
tIN
tPGRT
tIOI
tGCLK_IN
tIOI
tPGRT
tPGRT
tGOE
tIOI
tPDi
tIOO
tORP
tEN
tDIS


Similar Part No. - LC4128ZE7TN48C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4128ZC-42M132C LATTICE-LC4128ZC-42M132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128ZC-42M132C1 LATTICE-LC4128ZC-42M132C1 Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4128ZC-42MN132C LATTICE-LC4128ZC-42MN132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4128ZC-42T100C LATTICE-LC4128ZC-42T100C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4128ZC-42T100C LATTICE-LC4128ZC-42T100C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4128ZE7TN48C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com