Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4032ZE7MN48C Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # LC4032ZE7MN48C
Description  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4032ZE7MN48C Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button LC4032ZE7MN48C Datasheet HTML 6Page - Lattice Semiconductor LC4032ZE7MN48C Datasheet HTML 7Page - Lattice Semiconductor LC4032ZE7MN48C Datasheet HTML 8Page - Lattice Semiconductor LC4032ZE7MN48C Datasheet HTML 9Page - Lattice Semiconductor LC4032ZE7MN48C Datasheet HTML 10Page - Lattice Semiconductor LC4032ZE7MN48C Datasheet HTML 11Page - Lattice Semiconductor LC4032ZE7MN48C Datasheet HTML 12Page - Lattice Semiconductor LC4032ZE7MN48C Datasheet HTML 13Page - Lattice Semiconductor LC4032ZE7MN48C Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Lattice Semiconductor
ispMACH 4000ZE Family Data Sheet
10
Figure 8. I/O Cell
Each output supports a variety of output standards dependent on the VCCO supplied to its I/O bank. Outputs can
also be configured for open drain operation. Each input can be programmed to support a variety of standards, inde-
pendent of the VCCO supplied to its I/O bank. The I/O standards supported are:
• LVTTL
• LVCMOS 1.8
• LVCMOS 3.3
• LVCMOS 1.5
• LVCMOS 2.5
• 3.3V PCI Compatible
All of the I/Os and dedicated inputs have the capability to provide a bus-keeper latch, pull-up resistor or pull-down
resistor selectable on a “per-pin” basis. A fourth option is to provide none of these. The default in both hardware
and software is such that when the device is erased or if the user does not specify, the input structure is configured
to be a Pull-down Resistor.
Each ispMACH 4000ZE device I/O has an individually programmable output slew rate control bit. Each output can
be individually configured for fast slew or slow slew. The typical edge rate difference between fast and slow slew
setting is 20%. For high-speed designs with long, unterminated traces, the slow-slew rate will introduce fewer
reflections, less noise and keep ground bounce to a minimum. For designs with short traces or well terminated
lines, the fast slew rate can be used to achieve the highest speed.
The ispMACH 4000ZE family has an always on, 200mV typical hysteresis for each input operational at 3.3V and
2.5V. This provides improved noise immunity for slow transitioning signals.
Power Guard
Power Guard allows easier achievement of standby current in the system. As shown in Figure 9, this feature con-
sists of an enabling multiplexer between an I/O pin and input buffer, and its associated circuitry inside the device.
If the enable signal (E) is held low, all inputs (D) can be optionally isolated (guarded), such that, if any of these were
toggled, it would not cause any toggle on internal pins (Q), thus, a toggling I/O pin will not cause any internal
dynamic power consumption.
To Macrocell
To GRP
VCCO
GOE 0
GOE 1
GOE 2
GOE 3
VCC
From ORP
From ORP
0
1
Block Input Enable (BIE)
(From Block PT)
Power Guard Disable Fuse (PGDF)
0
1
Power Guard
I/O Bus Maintenance
VCCO


Similar Part No. - LC4032ZE7MN48C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032ZC-35M56C LATTICE-LC4032ZC-35M56C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032ZC-35M56C LATTICE-LC4032ZC-35M56C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032ZC-35MN56C LATTICE-LC4032ZC-35MN56C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032ZC-35T48C LATTICE-LC4032ZC-35T48C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032ZC-35T48C LATTICE-LC4032ZC-35T48C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4032ZE7MN48C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com