Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256ZE7MN48C Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # LC4256ZE7MN48C
Description  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256ZE7MN48C Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button LC4256ZE7MN48C Datasheet HTML 4Page - Lattice Semiconductor LC4256ZE7MN48C Datasheet HTML 5Page - Lattice Semiconductor LC4256ZE7MN48C Datasheet HTML 6Page - Lattice Semiconductor LC4256ZE7MN48C Datasheet HTML 7Page - Lattice Semiconductor LC4256ZE7MN48C Datasheet HTML 8Page - Lattice Semiconductor LC4256ZE7MN48C Datasheet HTML 9Page - Lattice Semiconductor LC4256ZE7MN48C Datasheet HTML 10Page - Lattice Semiconductor LC4256ZE7MN48C Datasheet HTML 11Page - Lattice Semiconductor LC4256ZE7MN48C Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Lattice Semiconductor
ispMACH 4000ZE Family Data Sheet
8
Output Routing Pool (ORP)
The Output Routing Pool allows macrocell outputs to be connected to any of several I/O cells within an I/O block.
This provides greater flexibility in determining the pinout and allows design changes to occur without affecting the
pinout. The output routing pool also provides a parallel capability for routing macrocell-level OE product terms. This
allows the OE product term to follow the macrocell output as it is switched between I/O cells. The enhanced ORP of
the ispMACH 4000ZE family consists of the following elements:
• Output Routing Multiplexers
• OE Routing Multiplexers
Figure 7 shows the structure of the ORP from the I/O cell perspective. This is referred to as an ORP slice. Each
ORP has as many ORP slices as there are I/O cells in the corresponding I/O block.
Figure 7. ORP Slice
Output Routing Multiplexers
The details of connections between the macrocells and the I/O cells vary across devices and within a device
dependent on the maximum number of I/Os available. Tables 5-7 provide the connection details.
Table 5. GLB/MC/ORP Combinations for ispMACH 4256ZE
GLB/MC
ORP Mux Input Macrocells
[GLB] [MC 0]
M0, M1, M2, M3, M4, M5, M6, M7
[GLB] [MC 1]
M2, M3, M4, M5, M6, M7, M8, M9
[GLB] [MC 2]
M4, M5, M6, M7, M8, M9, M10, M11
[GLB] [MC 3]
M6, M7, M8, M9, M10, M11, M12, M13
[GLB] [MC 4]
M8, M9, M10, M11, M12, M13, M14, M15
[GLB] [MC 5]
M10, M11, M12, M13, M14, M15, M0, M1
[GLB] [MC 6]
M12, M13, M14, M15, M0, M1, M2, M3
[GLB] [MC 7]
M14, M15, M0, M1, M2, M3, M4, M5
Output Routing Multiplexer
OE Routing Multiplexer
From Macrocell
From PTOE
To I/O
Cell
To I/O
Cell
OE


Similar Part No. - LC4256ZE7MN48C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256ZC-45M132C LATTICE-LC4256ZC-45M132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256ZC-45M132C1 LATTICE-LC4256ZC-45M132C1 Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4256ZC-45MN132C LATTICE-LC4256ZC-45MN132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256ZC-45T100C LATTICE-LC4256ZC-45T100C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4256ZC-45T100C LATTICE-LC4256ZC-45T100C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256ZE7MN48C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com