Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFECP10E-4F672C Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # LFECP10E-4F672C
Description  LatticeECP/EC Family Data Sheet
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFECP10E-4F672C Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button LFECP10E-4F672C Datasheet HTML 7Page - Lattice Semiconductor LFECP10E-4F672C Datasheet HTML 8Page - Lattice Semiconductor LFECP10E-4F672C Datasheet HTML 9Page - Lattice Semiconductor LFECP10E-4F672C Datasheet HTML 10Page - Lattice Semiconductor LFECP10E-4F672C Datasheet HTML 11Page - Lattice Semiconductor LFECP10E-4F672C Datasheet HTML 12Page - Lattice Semiconductor LFECP10E-4F672C Datasheet HTML 13Page - Lattice Semiconductor LFECP10E-4F672C Datasheet HTML 14Page - Lattice Semiconductor LFECP10E-4F672C Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 163 page
background image
2-8
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Secondary Clock Sources
LatticeECP/EC devices have four secondary clock resources per quadrant. The secondary clock branches are
tapped at every PFU. These secondary clock networks can also be used for controls and high fanout data. These
secondary clocks are derived from four clock input pads and 16 routing signals as shown in Figure 2-7.
Figure 2-7. Secondary Clock Sources
Clock Routing
The clock routing structure in LatticeECP/EC devices consists of four Primary Clock lines and a Secondary Clock
network per quadrant. The primary clocks are generated from MUXs located in each quadrant. Figure 2-8 shows
this clock routing. The four secondary clocks are generated from MUXs located in each quadrant as shown in
Figure 2-9. Each slice derives its clock from the primary clock lines, secondary clock lines and routing as shown in
Figure 2-10.
20 Secondary Clock Sources
To Quadrant Clock Selection
From Routing
From Routing
From Routing
From Routing
From Routing
From Routing
From Routing
From Routing
From
Routing
From
Routing
From
Routing
From
Routing
From
Routing
From
Routing
From
Routing
From
Routing


Similar Part No. - LFECP10E-4F672C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFECP10E-4F672C LATTICE-LFECP10E-4F672C Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
More results

Similar Description - LFECP10E-4F672C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFEC LATTICE-LFEC Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
logo
List of Unclassifed Man...
812012 ETC-812012 Datasheet
46Kb / 3P
   EC Safety Data Sheet
D6X39B182 ETC2-D6X39B182 Datasheet
920Kb / 6P
   SAFETY DATA SHEET ACCORDING TO (EC)
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com