Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256ZE5TN64C Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # LC4256ZE5TN64C
Description  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256ZE5TN64C Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button LC4256ZE5TN64C Datasheet HTML 3Page - Lattice Semiconductor LC4256ZE5TN64C Datasheet HTML 4Page - Lattice Semiconductor LC4256ZE5TN64C Datasheet HTML 5Page - Lattice Semiconductor LC4256ZE5TN64C Datasheet HTML 6Page - Lattice Semiconductor LC4256ZE5TN64C Datasheet HTML 7Page - Lattice Semiconductor LC4256ZE5TN64C Datasheet HTML 8Page - Lattice Semiconductor LC4256ZE5TN64C Datasheet HTML 9Page - Lattice Semiconductor LC4256ZE5TN64C Datasheet HTML 10Page - Lattice Semiconductor LC4256ZE5TN64C Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Lattice Semiconductor
ispMACH 4000ZE Family Data Sheet
7
• Block CLK2
• Block CLK3
• PT Clock
• PT Clock Inverted
• Shared PT Clock
• Ground
Clock Enable Multiplexer
Each macrocell has a 4:1 clock enable multiplexer. This allows the clock enable signal to be selected from the fol-
lowing four sources:
• PT Initialization/CE
• PT Initialization/CE Inverted
• Shared PT Clock
• Logic High
Initialization Control
The ispMACH 4000ZE family architecture accommodates both block-level and macrocell-level set and reset capa-
bility. There is one block-level initialization term that is distributed to all macrocell registers in a GLB. At the macro-
cell level, two product terms can be “stolen” from the cluster associated with a macrocell to be used for set/reset
functionality. A reset/preset swapping feature in each macrocell allows for reset and preset to be exchanged, pro-
viding flexibility.
Note that the reset/preset swapping selection feature affects power-up reset as well. All flip-flops power up to a
known state for predictable system initialization. If a macrocell is configured to SET on a signal from the block-level
initialization, then that macrocell will be SET during device power-up. If a macrocell is configured to RESET on a
signal from the block-level initialization or is not configured for set/reset, then that macrocell will RESET on power-
up. To guarantee initialization values, the VCC rise must be monotonic, and the clock must be inactive until the reset
delay time has elapsed.
GLB Clock Generator
Each ispMACH 4000ZE device has up to four clock pins that are also routed to the GRP to be used as inputs.
These pins drive a clock generator in each GLB, as shown in Figure 6. The clock generator provides four clock sig-
nals that can be used anywhere in the GLB. These four GLB clock signals can consist of a number of combinations
of the true and complement edges of the global clock signals.
Figure 6. GLB Clock Generator
CLK0
CLK1
CLK2
CLK3
Block CLK0
Block CLK1
Block CLK2
Block CLK3


Similar Part No. - LC4256ZE5TN64C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256ZC-45M132C LATTICE-LC4256ZC-45M132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256ZC-45M132C1 LATTICE-LC4256ZC-45M132C1 Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4256ZC-45MN132C LATTICE-LC4256ZC-45MN132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256ZC-45T100C LATTICE-LC4256ZC-45T100C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4256ZC-45T100C LATTICE-LC4256ZC-45T100C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256ZE5TN64C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com