Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCMXO2280LUTSE-4TN144IES Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # LCMXO2280LUTSE-4TN144IES
Description  MachXO Family Data Sheet
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2280LUTSE-4TN144IES Datasheet(HTML) 3 Page - Lattice Semiconductor

  LCMXO2280LUTSE-4TN144IES Datasheet HTML 1Page - Lattice Semiconductor LCMXO2280LUTSE-4TN144IES Datasheet HTML 2Page - Lattice Semiconductor LCMXO2280LUTSE-4TN144IES Datasheet HTML 3Page - Lattice Semiconductor LCMXO2280LUTSE-4TN144IES Datasheet HTML 4Page - Lattice Semiconductor LCMXO2280LUTSE-4TN144IES Datasheet HTML 5Page - Lattice Semiconductor LCMXO2280LUTSE-4TN144IES Datasheet HTML 6Page - Lattice Semiconductor LCMXO2280LUTSE-4TN144IES Datasheet HTML 7Page - Lattice Semiconductor LCMXO2280LUTSE-4TN144IES Datasheet HTML 8Page - Lattice Semiconductor LCMXO2280LUTSE-4TN144IES Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 95 page
background image
Introduction
Lattice Semiconductor
MachXO Family Data Sheet
1-2
The devices use look-up tables (LUTs) and embedded block memories traditionally associated with FPGAs for flex-
ible and efficient logic implementation. Through non-volatile technology, the devices provide the single-chip, high-
security, instant-on capabilities traditionally associated with CPLDs. Finally, advanced process technology and
careful design will provide the high pin-to-pin performance also associated with CPLDs.
The ispLEVER
® design tools from Lattice allow complex designs to be efficiently implemented using the MachXO
family of devices. Popular logic synthesis tools provide synthesis library support for MachXO. The ispLEVER tools
use the synthesis tool output along with the constraints from its floor planning tools to place and route the design in
the MachXO device. The ispLEVER tool extracts the timing from the routing and back-annotates it into the design
for timing verification.


Similar Part No. - LCMXO2280LUTSE-4TN144IES

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LCMXO2-1200 LATTICE-LCMXO2-1200 Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC LATTICE-LCMXO2-1200HC Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132C LATTICE-LCMXO2-1200HC-4MG132C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132CR LATTICE-LCMXO2-1200HC-4MG132CR Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
LCMXO2-1200HC-4MG132I LATTICE-LCMXO2-1200HC-4MG132I Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
More results

Similar Description - LCMXO2280LUTSE-4TN144IES

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-MACHXO LATTICE-LA-MACHXO Datasheet
875Kb / 77P
   LA-MachXO Automotive Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com