Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4512B-5F256C1 Datasheet(PDF) 63 Page - Lattice Semiconductor

Part # LC4512B-5F256C1
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4512B-5F256C1 Datasheet(HTML) 63 Page - Lattice Semiconductor

Back Button LC4512B-5F256C1 Datasheet HTML 59Page - Lattice Semiconductor LC4512B-5F256C1 Datasheet HTML 60Page - Lattice Semiconductor LC4512B-5F256C1 Datasheet HTML 61Page - Lattice Semiconductor LC4512B-5F256C1 Datasheet HTML 62Page - Lattice Semiconductor LC4512B-5F256C1 Datasheet HTML 63Page - Lattice Semiconductor LC4512B-5F256C1 Datasheet HTML 64Page - Lattice Semiconductor LC4512B-5F256C1 Datasheet HTML 65Page - Lattice Semiconductor LC4512B-5F256C1 Datasheet HTML 66Page - Lattice Semiconductor LC4512B-5F256C1 Datasheet HTML 67Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
63
60
0
H8
H^4
L8
L^4
P8
P^4
61
0
H6
H^3
L6
L^3
P6
P^3
62
0
H4
H^2
L4
L^2
P4
P^2
63
0
H2
H^1
L2
L^1
P2
P^1
64
0
H0
H^0
L0
L^0
P0
P^0
65
-
GND
-
GND
-
GND
-
66
0
CLK1/I
-
CLK1/I
-
CLK1/I
-
67
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
68
1
CLK2/I
-
CLK2/I
-
CLK2/I
-
69
-
VCC
-
VCC
-
VCC
-
70
1
I0
I^0
M0
M^0
AX0
AX^0
71
1
I2
I^1
M2
M^1
AX2
AX^1
72
1
I4
I^2
M4
M^2
AX4
AX^2
73
1
I6
I^3
M6
M^3
AX6
AX^3
74
1
I8
I^4
M8
M^4
AX8
AX^4
75
1
I10
I^5
M10
M^5
AX10
AX^5
76
1
I12
I^6
M12
M^6
AX12
AX^6
77
1
I14
I^7
M14
M^7
AX14
AX^7
78
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
79
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
80
1
J0
J^0
N0
N^0
BX0
BX^0
81
1
J2
J^1
N2
N^1
BX2
BX^1
82
1
J4
J^2
N4
N^2
BX4
BX^2
83
1
J6
J^3
N6
N^3
BX6
BX^3
84
1
J8
J^4
N8
N^4
BX8
BX^4
85
1
J10
J^5
N10
N^5
BX10
BX^5
86
1
J12
J^6
N12
N^6
BX12
BX^6
87
1
J14
J^7
N14
N^7
BX14
BX^7
88
-
VCC
-
VCC
-
VCC
-
89
-
NC
-
NC
-
NC
-
90
-
GND
-
GND
-
GND
-
91
-
TMS
-
TMS
-
TMS
-
92
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
93
1
K14
K^7
O14
O^7
CX14
CX^7
94
1
K12
K^6
O12
O^6
CX12
CX^6
95
1
K10
K^5
O10
O^5
CX10
CX^5
96
1
K8
K^4
O8
O^4
CX8
CX^4
97
1
K6
K^3
O6
O^3
CX6
CX^3
98
1
K4
K^2
O4
O^2
CX4
CX^2
99
1
K2
K^1
O2
O^1
CX2
CX^1
100
1
K0
K^0
O0
O^0
CX0
CX^0
ispMACH 4256V/B/C/Z, 4384V/B/C, 4512V/B/C, Logic Signal Connections:
176-Pin TQFP (Cont.)
Pin Number
Bank
Number
ispMACH 4256V/B/C/Z
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4512B-5F256C1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4512B-5F256C LATTICE-LC4512B-5F256C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4512B-5F256C1

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com