Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC93C-20 Datasheet(PDF) 4 Page - Bookham, Inc.

Part # LC93C-20
Description  980 nm Pump Laser Module Unstabilised 100-220 mW
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC93C-20 Datasheet(HTML) 4 Page - Bookham, Inc.

  LC93C-20 Datasheet HTML 1Page - Bookham, Inc. LC93C-20 Datasheet HTML 2Page - Bookham, Inc. LC93C-20 Datasheet HTML 3Page - Bookham, Inc. LC93C-20 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Pin #
Description
Pin #
Description
1
Peltier cooler (+)
8
Not connected
2
Thermistor
9
Not connected
3
Monitor anode (-)
10
Laser anode (+)
4
Monitor cathode (+)
11
Laser cathode (-)
5
Thermistor
12
Not connected
6
Not connected
13
Case ground
7
Not connected
14
Peltier cooler (-)
Connections
76 5 4 3 2
1
8 9 10 11 12 13 14
Figure 2: Connections
Certificate No. FM 15040
Certificate No. EMS 35100
IEC60825-1: Edition 1.2
INVISIBLE LASER
RADIATION AVOID
EXPOSURE TO BEAM
CLASS 3B LASER PRODUCT
DANGER
INVISIBLE LASER RADIATION
AVOID DIRECT
EXPOSURE TO BEAM
OUTPUT POWER 400 mW
WAVELENGTH
>960 nm
Class: IIIb Laser Product
THIS PRODUCT COMPLIES WITH 21CFR 1040.10
CAUTION
STATIC SENSITIVE DEVICE
OBSERVE PRECAUTIONS
Ordering Information
Order Code No:
LC93C-20 for 100 mW device
LC93D-20 for 110 mW device
LC93E-20 for 120 mW device
LC93F-20 for 130 mW device
LC93G-20 for 140 mW device
LC93H-20 for 150 mW device
LC93J-20 for 160 mW device
LC93K-20 for 170 mW device
LC93L-20 for 180 mW device
LC93M-20 for 190 mW device
LC93N-20 for 200 mW device
LC93P-20 for 210 mW device
LC93R-20 for 220 mW device
www.bookham.com
REV 1 Feb 2003
© Bookham Technology 2003 Bookham & ASOC are registered trademarks of Bookham Technology plc
North America
Bookham Technology Inc.
49 Buford Highway
Suwanee
GA 30024
USA
• Tel: +1 678 482 4021
• Fax: +1 678 482 4022
Europe
Bookham Technology plc
Brixham Road
Paignton
Devon
TQ4 7BE
UK
• Tel: +44 (0) 1803 66 2875
• Fax: +44 (0) 1803 66 2801
Asia
Bookham Technology plc
21/F Cityplaza One
1111 King's Road
Quarry Bay
Hong Kong
• Tel: +852 (2100) 2249
• Fax: +852 (2100) 2585
Sales@bookham.com
Important Notice
Bookham Technology has a policy of
continuous improvement, as a result
certain parameters detailed on this flyer
may be subject to change without notice.
If you are interested in a particular product
please request the available from any
Bookham Technology sales representative.


Similar Part No. - LC93C-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC93013A ETC1-LC93013A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC93019A ETC1-LC93019A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC93028A ETC1-LC93028A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC93043A ETC1-LC93043A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC93057A ETC1-LC93057A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
More results

Similar Description - LC93C-20

ManufacturerPart #DatasheetDescription
logo
Agere Systems
980 AGERE-980 Datasheet
212Kb / 8P
   980-Type Ultrahigh- Reliability Pump Laser Module
logo
Sanyo Semicon Device
DL-LS6002 SANYO-DL-LS6002 Datasheet
20Kb / 1P
   980 nm LASER DIODE
logo
JDS Uniphase Corporatio...
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-190 JDSU-27-7402-190 Datasheet
271Kb / 6P
   Up to 300 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310 JDSU-29-7402-310 Datasheet
276Kb / 7P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500-FL JDSU-30-7402-500-FL Datasheet
270Kb / 6P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
logo
Agere Systems
269 AGERE-269 Datasheet
85Kb / 8P
   269-Type 1480 nm Pump Laser Module
269-2 AGERE-269-2 Datasheet
95Kb / 8P
   69-Type 14xx nm DFB Pump Laser Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com