Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256ZE5MN64C Datasheet(PDF) 46 Page - Lattice Semiconductor

Part # LC4256ZE5MN64C
Description  1.8V In-System Programmable Ultra Low Power PLDs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256ZE5MN64C Datasheet(HTML) 46 Page - Lattice Semiconductor

Back Button LC4256ZE5MN64C Datasheet HTML 42Page - Lattice Semiconductor LC4256ZE5MN64C Datasheet HTML 43Page - Lattice Semiconductor LC4256ZE5MN64C Datasheet HTML 44Page - Lattice Semiconductor LC4256ZE5MN64C Datasheet HTML 45Page - Lattice Semiconductor LC4256ZE5MN64C Datasheet HTML 46Page - Lattice Semiconductor LC4256ZE5MN64C Datasheet HTML 47Page - Lattice Semiconductor LC4256ZE5MN64C Datasheet HTML 48Page - Lattice Semiconductor LC4256ZE5MN64C Datasheet HTML 49Page - Lattice Semiconductor LC4256ZE5MN64C Datasheet HTML 50Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
Lattice Semiconductor
ispMACH 4000ZE Family Data Sheet
46
D7
1
D1
H1
P4
B7
1
D0/GOE1
H0/GOE1
P2/GOE1
C7
1
CLK3/I
CLK3/I
CLK3/I
E6
0
NC Ball
GND (Bank 0)
GND (Bank 0)
A7
0
CLK0/I
CLK0/I
CLK0/I
E5
-
VCC
VCC
VCC
D6
0
A0/GOE0
A0/GOE0
A2/GOE0
B6
0
A1A1A4
A6
0
A2A2A6
C6
0
A3A4A8
B5
0
NC Ball
A5
A10
A5
0
NC Ball
A6
A12
D5
0
VCCO (Bank 0)
VCCO (Bank 0)
VCCO (Bank 0)
F5
0
GND (Bank 0)
GND (Bank 0)
GND (Bank 0)
A4
0
A4A8B2
B4
0
A5A9B4
C5
0
A6
A10
B6
A3
0
A7
A12
B8
C4
0
NC Ball
A13
B10
B3
0
NC Ball
A14
B12
A2
0
NC Ball
NC Ball
B14
* This pin is input only for the LC4064ZE.
ispMACH 4064ZE, 4128ZE and 4256ZE Logic Signal Connections:
144 csBGA (Cont.)
Ball
Number
Bank
Number
LC4064ZE
LC4128ZE
LC4256ZE
GLB/MC/Pad
GLB/MC/Pad
GLB/MC/Pad


Similar Part No. - LC4256ZE5MN64C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256ZC-45M132C LATTICE-LC4256ZC-45M132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256ZC-45M132C1 LATTICE-LC4256ZC-45M132C1 Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4256ZC-45MN132C LATTICE-LC4256ZC-45MN132C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256ZC-45T100C LATTICE-LC4256ZC-45T100C Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4256ZC-45T100C LATTICE-LC4256ZC-45T100C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256ZE5MN64C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
ISPXPLD5000MX LATTICE-ISPXPLD5000MX Datasheet
616Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com