Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2530DSTRPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRS2530DSTRPBF
Description  DIM8TM DIMMING BALLAST CONTROL IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2530DSTRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRS2530DSTRPBF Datasheet HTML 1Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 2Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 3Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 4Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 5Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 6Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 7Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 8Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
IRS2530D(S)
www.irf.com
© 2008 International Rectifier
4
Qualification Information
Industrial
††
Qualification Level
Comments: This family of ICs has passed JEDEC’s Industrial
qualification. IR’s Consumer qualification level is granted by
extension of the higher Industrial level.
SOIC8
MSL2
†††
(per IPC/JEDEC J-STD-020C)
Moisture Sensitivity Level
PDIP8
Not applicable
(non-surface mount package style)
Machine Model
Class C
(per JEDEC standard EIA/JESD22-A115)
ESD
Human Body Model
Class 3A
(per EIA/JEDEC standard JESD22-A114)
IC Latch-Up Test
Class I, Level A
(per JESD78A)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements. Please contact
your International Rectifier sales representative for further information.
†††
Higher MSL ratings may be available for the specific package types listed here. Please contact your
International Rectifier sales representative for further information.


Similar Part No. - IRS2530DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2530D IRF-IRS2530D Datasheet
462Kb / 23P
   Dimming ballast control plus half-bridge driver
IRS2530D IRF-IRS2530D_15 Datasheet
462Kb / 23P
   Dimming ballast control plus half-bridge driver
More results

Similar Description - IRS2530DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
International Rectifier
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
   Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com