Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4256B-75T176I Datasheet(PDF) 92 Page - Lattice Semiconductor

Part # LC4256B-75T176I
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4256B-75T176I Datasheet(HTML) 92 Page - Lattice Semiconductor

Back Button LC4256B-75T176I Datasheet HTML 88Page - Lattice Semiconductor LC4256B-75T176I Datasheet HTML 89Page - Lattice Semiconductor LC4256B-75T176I Datasheet HTML 90Page - Lattice Semiconductor LC4256B-75T176I Datasheet HTML 91Page - Lattice Semiconductor LC4256B-75T176I Datasheet HTML 92Page - Lattice Semiconductor LC4256B-75T176I Datasheet HTML 93Page - Lattice Semiconductor LC4256B-75T176I Datasheet HTML 94Page - Lattice Semiconductor LC4256B-75T176I Datasheet HTML 95Page - Lattice Semiconductor LC4256B-75T176I Datasheet HTML 96Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
92
LC4384B
LC4384B-35FTN256C
384
2.5
3.5
Lead-Free ftBGA
256
192
C
LC4384B-5FTN256C
384
2.5
5
Lead-Free ftBGA
256
192
C
LC4384B-75FTN256C
384
2.5
7.5
Lead-Free ftBGA
256
192
C
LC4384B-35FN256C
1
384
2.5
3.5
Lead-Free fpBGA
256
192
C
LC4384B-5FN256C
1
384
2.5
5
Lead-Free fpBGA
256
192
C
LC4384B-75FN256C
1
384
2.5
7.5
Lead-Free fpBGA
256
192
C
LC4384B-35TN176C
384
2.5
3.5
Lead-Free TQFP
176
128
C
LC4384B-5TN176C
384
2.5
5
Lead-Free TQFP
176
128
C
LC4384B-75TN176C
384
2.5
7.5
Lead-Free TQFP
176
128
C
LC4512B
LC4512B-35FTN256C
512
2.5
3.5
Lead-Free ftBGA
256
208
C
LC4512B-5FTN256C
512
2.5
5
Lead-Free ftBGA
256
208
C
LC4512B-75FTN256C
512
2.5
7.5
Lead-Free ftBGA
256
208
C
LC4512B-35FN256C
1
512
2.5
3.5
Lead-Free fpBGA
256
208
C
LC4512B-5FN256C
1
512
2.5
5
Lead-Free fpBGA
256
208
C
LC4512B-75FN256C
1
512
2.5
7.5
Lead-Free fpBGA
256
208
C
LC4512B-35TN176C
512
2.5
3.5
Lead-Free TQFP
176
128
C
LC4512B-5TN176C
512
2.5
5
Lead-Free TQFP
176
128
C
LC4512B-75TN176C
512
2.5
7.5
Lead-Free TQFP
176
128
C
1. Use ftBGA package. fpBGA package devices have been discontinued via PCN#14A-07.
ispMACH 4000B (2.5V) Lead-Free Industrial Devices
Device
Part Number
Macrocells
Voltage
tPD
Package
Pin/Ball
Count
I/O
Grade
LC4032B
LC4032B-5TN48I
32
2.5
5
Lead-Free TQFP
48
32
I
LC4032B-75TN48I
32
2.5
7.5
Lead-Free TQFP
48
32
I
LC4032B-10TN48I
32
2.5
10
Lead-Free TQFP
48
32
I
LC4032B-5TN44I
32
2.5
5
Lead-Free TQFP
44
30
I
LC4032B-75TN44I
32
2.5
7.5
Lead-Free TQFP
44
30
I
LC4032B-10TN44I
32
2.5
10
Lead-Free TQFP
44
30
I
LC4064B
LC4064B-5TN100I
64
2.5
5
Lead-Free TQFP
100
64
I
LC4064B-75TN100I
64
2.5
7.5
Lead-Free TQFP
100
64
I
LC4064B-10TN100I
64
2.5
10
Lead-Free TQFP
100
64
I
LC4064B-5TN48I
64
2.5
5
Lead-Free TQFP
48
32
I
LC4064B-75TN48I
64
2.5
7.5
Lead-Free TQFP
48
32
I
LC4064B-10TN48I
64
2.5
10
Lead-Free TQFP
48
32
I
LC4064B-5TN44I
64
2.5
5
Lead-Free TQFP
44
30
I
LC4064B-75TN44I
64
2.5
7.5
Lead-Free TQFP
44
30
I
LC4064B-10TN44I
64
2.5
10
Lead-Free TQFP
44
30
I
ispMACH 4000B (2.5V) Lead-Free Commercial Devices (Cont.)
Device
Part Number
Macrocells
Voltage
tPD
Package
Pin/Ball
Count
I/O
Grade


Similar Part No. - LC4256B-75T176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4256B-75T176I LATTICE-LC4256B-75T176I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4256B-75T176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com