Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP4NC50 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP4NC50
Description  N-CHANNEL 500V - 2.2ohm - 4A TO-220/TO-220FP PowerMeshII MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP4NC50 Datasheet(HTML) 3 Page - STMicroelectronics

  STP4NC50 Datasheet HTML 1Page - STMicroelectronics STP4NC50 Datasheet HTML 2Page - STMicroelectronics STP4NC50 Datasheet HTML 3Page - STMicroelectronics STP4NC50 Datasheet HTML 4Page - STMicroelectronics STP4NC50 Datasheet HTML 5Page - STMicroelectronics STP4NC50 Datasheet HTML 6Page - STMicroelectronics STP4NC50 Datasheet HTML 7Page - STMicroelectronics STP4NC50 Datasheet HTML 8Page - STMicroelectronics STP4NC50 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STP4NC50/FP
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300
µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
Rise Time
VDD = 300 V, ID =2 A
RG = 4.7Ω VGS =10 V
(see test circuit, Figure 3)
10
ns
tr
13
ns
Qg
Total Gate Charge
VDD = 400V, ID =4 A,
VGS = 10V
12.5
17
nC
Qgs
Gate-Source Charge
2.7
nC
Qgd
Gate-Drain Charge
6.1
nC
Symbol
Parameter
Test Condit ions
Min.
Typ.
Max.
Unit
tr(Voff)
Off-voltage Rise Time
VDD = 400V, ID =4 A,
RG =4.7Ω, VGS = 10V
(see test circuit, Figure 5)
15
ns
tf
Fall Time
13
ns
tc
Cross-over Time
20
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
4
A
ISDM (2)
Source-drain Current (pulsed)
16
A
VSD (1)
Forward On Voltage
ISD = 4 A, VGS =0
1.6
V
trr
Reverse Recovery Time
ISD =4 A, di/dt = 100A/µs
VDD = 100V, Tj = 150°C
(see test circuit, Figure 5)
400
ns
Qrr
Reverse Recovery Charge
1.64
µC
IRRM
Reverse Recovery Current
8.2
A
Safe Operating Area for TO-220
Safe Operating Area for TO-220FP


Similar Part No. - STP4NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STP4NC60A STMICROELECTRONICS-STP4NC60A Datasheet
338Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
logo
VBsemi Electronics Co.,...
STP4NC60A VBSEMI-STP4NC60A Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STP4NC60AFP STMICROELECTRONICS-STP4NC60AFP Datasheet
338Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STP4NC60FP STMICROELECTRONICS-STP4NC60FP Datasheet
356Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
More results

Similar Description - STP4NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NC60 STMICROELECTRONICS-STP3NC60 Datasheet
108Kb / 9P
   N-CHANNEL 600V - 3.3ohm - 3A TO-220/TO-220FP PowerMeshII MOSFET
STP9NC60 STMICROELECTRONICS-STP9NC60 Datasheet
108Kb / 9P
   N - CHANNEL 600V - 0.6ohm - 9A TO-220/TO-220FP PowerMESHII MOSFET
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
   N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
   N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh??MOSFET
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
   N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh??MOSFET
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
   N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
STB4NB80 STMICROELECTRONICS-STB4NB80 Datasheet
52Kb / 6P
   N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESHO MOSFET
STP10NB50 STMICROELECTRONICS-STP10NB50 Datasheet
105Kb / 9P
   N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
STB4NC50 STMICROELECTRONICS-STB4NC50 Datasheet
244Kb / 8P
   N-CHANNEL 500V - 2.2ohm - 4A D2PAK PowerMesh?줚I MOSFET
STD6NK50ZT4 STMICROELECTRONICS-STD6NK50ZT4 Datasheet
404Kb / 12P
   N-CHANNEL 500V - 0.93ohm - 5.6A TO-220/TO-220FP/DPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com