Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4384B-10T176I Datasheet(PDF) 69 Page - Lattice Semiconductor

Part # LC4384B-10T176I
Description  3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC4384B-10T176I Datasheet(HTML) 69 Page - Lattice Semiconductor

Back Button LC4384B-10T176I Datasheet HTML 65Page - Lattice Semiconductor LC4384B-10T176I Datasheet HTML 66Page - Lattice Semiconductor LC4384B-10T176I Datasheet HTML 67Page - Lattice Semiconductor LC4384B-10T176I Datasheet HTML 68Page - Lattice Semiconductor LC4384B-10T176I Datasheet HTML 69Page - Lattice Semiconductor LC4384B-10T176I Datasheet HTML 70Page - Lattice Semiconductor LC4384B-10T176I Datasheet HTML 71Page - Lattice Semiconductor LC4384B-10T176I Datasheet HTML 72Page - Lattice Semiconductor LC4384B-10T176I Datasheet HTML 73Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 99 page
background image
Lattice Semiconductor
ispMACH 4000V/B/C/Z Family Data Sheet
69
R14
1
J10
J^5
J10
J^7
N10
N^5
BX10
BX^5
P13
1
J12
J^6
J12
J^8
N12
N^6
BX12
BX^6
N13
1
J14
J^7
J14
J^9
N14
N^7
BX14
BX^7
M12
1
NC
-
NC
-
P4
P^2
FX0
FX^0
T15
1
NC
-
NC
-
P6
P^3
FX2
FX^1
-
-
VCC
-
VCC
-
VCC
-
VCC
-
-
-
GND
-
GND
-
GND
-
GND
-
-
1
-
-
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
P14
-
TMS
-
TMS
-
TMS
-
TMS
-
-
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
L12
1
NC
-
NC
-
NC
-
FX4
FX^2
R16
1
NC
-
NC
-
P8
P^4
FX6
FX^3
N14
1
NC
-
NC
-
P10
P^5
FX8
FX^4
P15
1
K14
K^7
K14
K^9
O14
O^7
CX14
CX^7
L11
1
K12
K^6
K12
K^8
O12
O^6
CX12
CX^6
P16
1
K10
K^5
K10
K^7
O10
O^5
CX10
CX^5
K11
1
K8
K^4
K9
K^6
O8
O^4
CX8
CX^4
M14
1
K6
K^3
K8
K^5
O6
O^3
CX6
CX^3
K12
1
K4
K^2
K6
K^4
O4
O^2
CX4
CX^2
N15
1
K2
K^1
K4
K^3
O2
O^1
CX2
CX^1
N16
1
K0
K^0
K2
K^2
O0
O^0
CX0
CX^0
M15
1
NC
-
K1
K^1
BX6
BX^3
HX0
HX^0
M13
1
NC
-
K0
K^0
BX4
BX^2
HX4
HX^1
-
1
-
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
-
1
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
M16
1
NC
-
NC
-
NC
-
FX10
FX^5
L15
1
NC
-
NC
-
P12
P^6
FX12
FX^6
L16
1
NC
-
NC
-
P14
P^7
FX14
FX^7
J11
1
NC
-
L14
L^9
BX2
BX^1
HX8
HX^2
K15
1
NC
-
L12
L^8
BX0
BX^0
HX12
HX^3
J12
1
L14
L^7
L10
L^7
AX14
AX^7
GX14
GX^7
K13
1
L12
L^6
L9
L^6
AX12
AX^6
GX12
GX^6
K14
1
L10
L^5
L8
L^5
AX10
AX^5
GX10
GX^5
K16
1
L8
L^4
L6
L^4
AX8
AX^4
GX8
GX^4
J16
1
L6
L^3
L4
L^3
AX6
AX^3
GX6
GX^3
J15
1
L4
L^2
L2
L^2
AX4
AX^2
GX4
GX^2
H16
1
L2
L^1
L1
L^1
AX2
AX^1
GX2
GX^1
J13
1
L0
L^0
L0
L^0
AX0
AX^0
GX0
GX^0
-
1
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
VCCO (Bank 1)
-
-
1
-
-
GND (Bank 1)
-
GND (Bank 1)
-
GND (Bank 1)
-
J14
1
M0
M^0
M0
M^0
DX0
DX^0
JX0
JX^0
ispMACH 4256V/B/C, 4384V/B/C, 4512V/B/C Logic Signal Connections:
256-Ball ftBGA/fpBGA (Cont.)
Ball
Number
I/O
Bank
ispMACH 4256V/B/C
128-I/O
ispMACH 4256V/B/C
160-I/O
ispMACH 4384V/B/C
ispMACH 4512V/B/C
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP
GLB/MC/Pad
ORP


Similar Part No. - LC4384B-10T176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4384B-10T176I LATTICE-LC4384B-10T176I Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC4384B-10T176I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com